Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD4N20TF Datasheet (PDF) - Fairchild Semiconductor

FQD4N20TF Datasheet PDF - Fairchild Semiconductor
Part # FQD4N20TF
Download  FQD4N20TF Download

File Size   781.21 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET 200 V, 3.0 A, 1.4

FQD4N20TF Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD4N20TF Datasheet PDF - Fairchild Semiconductor

Part # FQD4N20TF
Download  FQD4N20TF Click to download

File Size   781.21 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET 200 V, 3.0 A, 1.4

FQD4N20TF Datasheet (HTML) - Fairchild Semiconductor

FQD4N20TF Datasheet HTML 1Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 2Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 3Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 4Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 5Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 6Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 7Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 8Page - Fairchild Semiconductor

FQD4N20TF Product details

Features
• 3.0 A, 200 V, RDS(on) = 1.4 Ω (Max.) @ VGS = 10 V
• Low gate charge (Typ. 5.0 nC)
• Low Crss (Typ. 5.0 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQD4N20TF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD4N20 FAIRCHILD-FQD4N20 Datasheet
701Kb / 9P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD4N20 ISC-FQD4N20 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Fairchild Semiconductor
FQD4N20L FAIRCHILD-FQD4N20L Datasheet
519Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD4N20L FAIRCHILD-FQD4N20L Datasheet
526Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD4N20LTF FAIRCHILD-FQD4N20LTF Datasheet
526Kb / 9P
   200V LOGIC N-Channel MOSFET
More results


Similar Description - FQD4N20TF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF9N90CT FAIRCHILD-FQPF9N90CT Datasheet
1Mb / 10P
   N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
logo
ON Semiconductor
FQA9N90C-F109 ONSEMI-FQA9N90C-F109 Datasheet
1Mb / 9P
   N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω
December-2017, Rev 3
logo
Fairchild Semiconductor
FQD10N20CTM FAIRCHILD-FQD10N20CTM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 200 V, 7.8 A, 360 mOhm
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
FQD18N20V2TM FAIRCHILD-FQD18N20V2TM Datasheet
737Kb / 9P
   N-Channel QFET MOSFET 200 V, 15 A, 140 mOhm
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
FQT3P20TF FAIRCHILD-FQT3P20TF Datasheet
1Mb / 8P
   P-Channel QFET MOSFET -200 V, -0.67 A, 2.7
logo
ON Semiconductor
NVMJS1D5N04CL ONSEMI-NVMJS1D5N04CL Datasheet
364Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 1.4 m, 200 A
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
   N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com