Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSD1692YS Datasheet (PDF) - Fairchild Semiconductor

KSD1692YS Datasheet PDF - Fairchild Semiconductor
Part # KSD1692YS
Download  KSD1692YS Download

File Size   55.54 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Dc Durrent Gain

KSD1692YS Datasheet (PDF)

Go To PDF Page Download Datasheet
KSD1692YS Datasheet PDF - Fairchild Semiconductor

Part # KSD1692YS
Download  KSD1692YS Click to download

File Size   55.54 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Dc Durrent Gain

KSD1692YS Datasheet (HTML) - Fairchild Semiconductor

KSD1692YS Datasheet HTML 1Page - Fairchild Semiconductor KSD1692YS Datasheet HTML 2Page - Fairchild Semiconductor KSD1692YS Datasheet HTML 3Page - Fairchild Semiconductor KSD1692YS Datasheet HTML 4Page - Fairchild Semiconductor

KSD1692YS Product details

Feature

• High Dc Durrent Gain

• Low Collector Saturation Voltage

• Built-in a Damper Diode at E-C

• High Power Dissipation : PC= 1.3W (Ta=25°C)




Similar Part No. - KSD1692YS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSD1692 SAMSUNG-KSD1692 Datasheet
263Kb / 7P
   NPN (HIGH DC CURRENT GAIN LOW COLLECTOR SATURATION VOLTAGE BUILT-IN A DAMPER DIODE AT E-C)
logo
Fairchild Semiconductor
KSD1692 FAIRCHILD-KSD1692 Datasheet
50Kb / 4P
   Feature
logo
Jiangsu Changjiang Elec...
KSD1692 JIANGSU-KSD1692 Datasheet
396Kb / 2P
   TRANSISTOR (NPN)
More results


Similar Description - KSD1692YS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
NP1510G-XX-AN6-R UTC-NP1510G-XX-AN6-R Datasheet
122Kb / 3P
   High DC current gain
BD135G-XX-AA3-R UTC-BD135G-XX-AA3-R Datasheet
121Kb / 3P
   high DC current gain
logo
Inchange Semiconductor ...
2SC4005 ISC-2SC4005 Datasheet
198Kb / 2P
   High DC current gain.
2SD1606 ISC-2SD1606 Datasheet
137Kb / 2P
   High DC Current Gain
2SD1662 ISC-2SD1662 Datasheet
131Kb / 2P
   High DC Current Gain
logo
Samsung semiconductor
TIP145F SAMSUNG-TIP145F Datasheet
175Kb / 4P
   PNP (HIGH DC CURRENT GAIN)
MJE700 SAMSUNG-MJE700 Datasheet
252Kb / 6P
   NPN (HIGH DC CURRENT GAIN)
TIP105 SAMSUNG-TIP105 Datasheet
262Kb / 6P
   PNP (HIGH DC CURRENT GAIN MIN
logo
SHIKUES Electronics
2SB624 SKTECHNOLGY-2SB624 Datasheet
635Kb / 1P
   Micro package High dc current gain
logo
New Jersey Semi-Conduct...
2N5611 NJSEMI-2N5611 Datasheet
71Kb / 2P
   DC Current Gain-
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com