Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2554 Datasheet (PDF) - Hitachi Semiconductor

2SK2554 Datasheet PDF - Hitachi Semiconductor
Part # 2SK2554
Download  2SK2554 Download

File Size   51.58 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N-Channel MOS FET

2SK2554 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2554 Datasheet PDF - Hitachi Semiconductor

Part # 2SK2554
Download  2SK2554 Click to download

File Size   51.58 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N-Channel MOS FET

2SK2554 Datasheet (HTML) - Hitachi Semiconductor

2SK2554 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 9Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 10Page - Hitachi Semiconductor

2SK2554 Product details

Features

•  Low on-resistance

•  RDS(on)= 4.5 mΩtyp.

•  High speed switching

•  4 V gate drive device can be driven from 5 V source



Application

High speed power switching




Similar Part No. - 2SK2554

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2554 RENESAS-2SK2554 Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK2554 ISC-2SK2554 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2554-E RENESAS-2SK2554-E Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
More results


Similar Description - 2SK2554

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com