Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3209 Datasheet (PDF) - Hitachi Semiconductor

2SK3209 Datasheet PDF - Hitachi Semiconductor
Part # 2SK3209
Download  2SK3209 Download

File Size   26.42 Kbytes
Page   4 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N Channel MOS FET High Speed Power Switching

2SK3209 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3209 Datasheet PDF - Hitachi Semiconductor

Part # 2SK3209
Download  2SK3209 Click to download

File Size   26.42 Kbytes
Page   4 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N Channel MOS FET High Speed Power Switching

2SK3209 Datasheet (HTML) - Hitachi Semiconductor

2SK3209 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3209 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3209 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3209 Datasheet HTML 4Page - Hitachi Semiconductor

2SK3209 Product details

Features

•  Low on-resistance RDS=35mΩtyp.

•  High speed switching

•  4V gate drive device can be driven from 5V source



Similar Part No. - 2SK3209

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3209 RENESAS-2SK3209 Datasheet
53Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3209 ISC-2SK3209 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3209-E RENESAS-2SK3209-E Datasheet
53Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3209 RENESAS-2SK3209_15 Datasheet
72Kb / 6P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK3209

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com