Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC669 Datasheet (PDF) - Hitachi Semiconductor

HD74HC669 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC669
Download  HD74HC669 Download

File Size   84.55 Kbytes
Page   14 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Synchronous UP/Down Decade,4-bit binary Counter

HD74HC669 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC669 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC669
Download  HD74HC669 Click to download

File Size   84.55 Kbytes
Page   14 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Synchronous UP/Down Decade,4-bit binary Counter

HD74HC669 Datasheet (HTML) - Hitachi Semiconductor

Back Button HD74HC669 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC669 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC669 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC669 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC669 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC669 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC669 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC669 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC669 Datasheet HTML 9Page - Hitachi Semiconductor HD74HC669 Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD74HC669 Product details

Description
This synchronous presettable decade counter features an internal carry look-ahead for cascading in highspeed counting applications. Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs change coincident with each other when so instructed by the count-enable inputs and internal gating. This mode of operation helps eliminate the output counting spikes that are normally associated with asynchronous (ripple-clock) counters.

Features
• High Speed Operation
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC669

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC669 RENESAS-HD74HC669 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
HD74HC669FPEL RENESAS-HD74HC669FPEL Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
HD74HC669P RENESAS-HD74HC669P Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
HD74HC669RPEL RENESAS-HD74HC669RPEL Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
More results


Similar Description - HD74HC669

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Hitachi Semiconductor
HD74HC190 HITACHI-HD74HC190 Datasheet
75Kb / 13P
   Synchronous Up/Down Decade,4-bit Binary Counter(Single Clock Line)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com