Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV163A Datasheet (PDF) - Hitachi Semiconductor

HD74LV163A Datasheet PDF - Hitachi Semiconductor
Part # HD74LV163A
Download  HD74LV163A Download

File Size   77.46 Kbytes
Page   19 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Synchronous 4-bit Binary Counter (Synchronous Clear)

HD74LV163A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LV163A Datasheet PDF - Hitachi Semiconductor

Part # HD74LV163A
Download  HD74LV163A Click to download

File Size   77.46 Kbytes
Page   19 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Synchronous 4-bit Binary Counter (Synchronous Clear)

HD74LV163A Datasheet (HTML) - Hitachi Semiconductor

Back Button HD74LV163A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV163A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV163A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV163A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV163A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV163A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV163A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV163A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV163A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV163A Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD74LV163A Product details

Description
The HD74LV163A is 4-bit binary counters. All flip flops are clocked simultaneously on the low to high to transition (positive edge) of the clock input waceform. These counters may be preset using the load input. Presetting of all four flip flops is synchronous to the rising edge of clock. When load is held low counting is disabled and the data on the A, B, C and D inputs is loaded into the counter on the rising edge clock. If the load input is taken high before the positive edge of clock the count operation will be unaffected. Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life.

Features
• VCC = 2.0 V to 5.5 V operation
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@VCC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)




Similar Part No. - HD74LV163A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163AFPEL RENESAS-HD74LV163AFPEL Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163AFPEL RENESAS-HD74LV163AFPEL Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163ARPEL RENESAS-HD74LV163ARPEL Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163ARPEL RENESAS-HD74LV163ARPEL Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
More results


Similar Description - HD74LV163A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS163A RENESAS-HD74LS163A Datasheet
199Kb / 12P
   Synchronous 4-bit Binary Counter (direct clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
logo
Renesas Technology Corp
HD74LS161A RENESAS-HD74LS161A Datasheet
106Kb / 11P
   Synchronous 4-bit Binary Counter (direct clear)
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com