Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVCR2245A Datasheet (PDF) - Hitachi Semiconductor

HD74LVCR2245A Datasheet PDF - Hitachi Semiconductor
Part # HD74LVCR2245A
Download  HD74LVCR2245A Download

File Size   68.06 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Octal Bidirectional Transceivers with 3-state Outputs

HD74LVCR2245A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVCR2245A Datasheet PDF - Hitachi Semiconductor

Part # HD74LVCR2245A
Download  HD74LVCR2245A Click to download

File Size   68.06 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Octal Bidirectional Transceivers with 3-state Outputs

HD74LVCR2245A Datasheet (HTML) - Hitachi Semiconductor

Back Button HD74LVCR2245A Datasheet HTML 1Page - Hitachi Semiconductor HD74LVCR2245A Datasheet HTML 2Page - Hitachi Semiconductor HD74LVCR2245A Datasheet HTML 3Page - Hitachi Semiconductor HD74LVCR2245A Datasheet HTML 4Page - Hitachi Semiconductor HD74LVCR2245A Datasheet HTML 5Page - Hitachi Semiconductor HD74LVCR2245A Datasheet HTML 6Page - Hitachi Semiconductor HD74LVCR2245A Datasheet HTML 7Page - Hitachi Semiconductor HD74LVCR2245A Datasheet HTML 8Page - Hitachi Semiconductor HD74LVCR2245A Datasheet HTML 9Page - Hitachi Semiconductor HD74LVCR2245A Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD74LVCR2245A Product details

Description
The HD74LVCR2245A has eight buffers with three state outputs in a 20 pin package.

Features
• VCC = 1.65 to 5.5 V
• All inputs VIH (Max) = 5.5 V (@VCC = 0 to 5.5 V)
• All inputs / outputs VI / O (Max) = 5.5 V (@VCC = 0 V or output off state)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±12 mA (@VCC = 3.0 to 5.5 V)
• All outputs have equivalent 26 Ω series resistors, so no external resistors are required




Similar Part No. - HD74LVCR2245A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVCR2245A RENESAS-HD74LVCR2245A Datasheet
205Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245AFPEL RENESAS-HD74LVCR2245AFPEL Datasheet
205Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245ATELL RENESAS-HD74LVCR2245ATELL Datasheet
205Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
More results


Similar Description - HD74LVCR2245A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC245A HITACHI-HD74LVC245A Datasheet
51Kb / 9P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC245B RENESAS-RD74LVC245B_15 Datasheet
133Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A RENESAS-HD74LVCR2245A Datasheet
205Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
RD74LVC245B RENESAS-RD74LVC245B Datasheet
111Kb / 8P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVC245A RENESAS-HD74LVC245A Datasheet
191Kb / 7P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A RENESAS-HD74LVCZ245A Datasheet
105Kb / 9P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVCZ245A HITACHI-HD74LVCZ245A Datasheet
58Kb / 11P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
HD74LVCZ245A RENESAS-HD74LVCZ245A_15 Datasheet
124Kb / 11P
   Octal Bidirectional Transceivers with 3?뱒tate Outputs
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com