Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ245PC Datasheet (PDF) - Fairchild Semiconductor

74ACTQ245PC Datasheet PDF - Fairchild Semiconductor
Part # 74ACTQ245PC
Download  74ACTQ245PC Download

File Size   144.1 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs

74ACTQ245PC Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACTQ245PC Datasheet PDF - Fairchild Semiconductor

Part # 74ACTQ245PC
Download  74ACTQ245PC Click to download

File Size   144.1 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs

74ACTQ245PC Datasheet (HTML) - Fairchild Semiconductor

Back Button 74ACTQ245PC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 9Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74ACTQ245PC Product details

General Description
The ACQ/ACTQ245 contains eight non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus oriented applications. Current sinking capability is 24 mA at both the A and B ports. The Transmit/Receive (T/R) input determines the direction of data flow through the bidirectional transceiver. Transmit (active-HIGH) enables data from A Ports to B Ports; Receive (active-LOW) enables data from B Ports to A Ports. The Output Enable input, when HIGH, disables both A and B ports by placing them in a HIGH Z condition.

Features
■ ICC and IOZ reduced by 50%
■ Guaranteed simultaneous switching noise level and dynamic threshold performance
■ Guaranteed pin-to-pin skew AC performance
■ Improved latch-up immunity
■ 3-STATE outputs drive bus lines or buffer memory address registers
■ Outputs source/sink 24 mA
■ Faster prop delays than the standard ACT245




Similar Part No. - 74ACTQ245PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ245 FAIRCHILD-74ACTQ245 Datasheet
351Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACTQ245MSA FAIRCHILD-74ACTQ245MSA Datasheet
351Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACTQ245MSA FAIRCHILD-74ACTQ245MSA Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACTQ245MTC FAIRCHILD-74ACTQ245MTC Datasheet
351Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACTQ245MTC FAIRCHILD-74ACTQ245MTC Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results






About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com