Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU6G Datasheet (PDF) - GeneSiC Semiconductor, Inc.

GBU6G Datasheet PDF - GeneSiC Semiconductor, Inc.
Part # GBU6G
Download  GBU6G Download
File Size   373.85 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Bridge Rectifier

GBU6G Datasheet (PDF)

Go To PDF Page Download Datasheet
GBU6G Datasheet PDF - GeneSiC Semiconductor, Inc.

Part # GBU6G
Download  GBU6G Click to download

File Size   373.85 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Bridge Rectifier

GBU6G Datasheet (HTML) - GeneSiC Semiconductor, Inc.


GBU6G Product details

Features
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
• High case dielectric strength of 1500 VRMS
• Glass passivated chip junction
• Ideal for printed circuit boards
• High surge overload rating
• High temperature soldering guaranteed: 260°C/ 10
   seconds, 0.375 (9.5mm) lead length
• Not ESD Sensitive




Similar Part No. - GBU6G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBU6G DIOTEC-GBU6G Datasheet
114Kb / 2P
Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
GBU6G PANJIT-GBU6G Datasheet
42Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 100 Volts CURRENT - 6.0 Amperes)
logo
Diotec Semiconductor
GBU6G DIOTEC-GBU6G Datasheet
112Kb / 2P
Silicon-Bridge-Rectifiers
logo
Nell Semiconductor Co.,...
GBU6G NELLSEMI-GBU6G Datasheet
567Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
logo
Micro Commercial Compon...
GBU6G MCC-GBU6G Datasheet
182Kb / 3P
6 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Similar Description - GBU6G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC3506TW GENESIC-GBPC3506TW Datasheet
351Kb / 4P
Silicon Bridge Rectifier
GBU15J GENESIC-GBU15J Datasheet
344Kb / 3P
Silicon Bridge Rectifier
KBJ4005G GENESIC-KBJ4005G Datasheet
326Kb / 3P
Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G Datasheet
308Kb / 3P
Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
KBU8APT CHENMKO-KBU8APT Datasheet
81Kb / 2P
SILICON BRIDGE RECTIFIER
W005LPT CHENMKO-W005LPT Datasheet
87Kb / 2P
SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
SILICON BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com