Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD17N08LTF Datasheet (PDF) - Fairchild Semiconductor

FQD17N08LTF Datasheet PDF - Fairchild Semiconductor
Part # FQD17N08LTF
Download  FQD17N08LTF Download

File Size   1214.85 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET 80 V, 12.9 A, 100 m

FQD17N08LTF Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD17N08LTF Datasheet PDF - Fairchild Semiconductor

Part # FQD17N08LTF
Download  FQD17N08LTF Click to download

File Size   1214.85 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET 80 V, 12.9 A, 100 m

FQD17N08LTF Datasheet (HTML) - Fairchild Semiconductor

FQD17N08LTF Datasheet HTML 1Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 2Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 3Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 4Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 5Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 6Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 7Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 8Page - Fairchild Semiconductor

FQD17N08LTF Product details

General Description

These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology is especially tailored to minimize on-state resistance, provide superior switching performance, and withstand a high energy pulse in the avalanche and commutation modes. These devices are well suited for low voltage applications such as automotive, high efficiency switching for DC/DC converters, and DC motor control.



Features

• 12.9A, 80V, RDS(on)= 0.1Ω@VGS= 10 V

• Low gate charge ( typical 8.8 nC)

• Low Crss ( typical 29 pF)

• Fast switching

• 100% avalanche tested

• Improved dv/dt capability

• Low level gate drive requirements allowing direct operation from logic drives




Similar Part No. - FQD17N08LTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
More results


Similar Description - FQD17N08LTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
logo
ON Semiconductor
STTFS015N10MCL ONSEMI-STTFS015N10MCL Datasheet
325Kb / 9P
   MOSFET - Power, Single N-Channel 100 V, 12.9 m, 42 A
August, 2020 - Rev. 0
logo
Fairchild Semiconductor
FQD7N10LTF FAIRCHILD-FQD7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 100 V, 5.8 A, 350 m
logo
NXP Semiconductors
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
logo
Fairchild Semiconductor
FQD8P10TF FAIRCHILD-FQD8P10TF Datasheet
551Kb / 9P
   P-Channel QFET MOSFET - 100 V, - 6.6 A, 530 m
logo
Nexperia B.V. All right...
PSMN013-80YS NEXPERIA-PSMN013-80YS Datasheet
733Kb / 13P
   N-channel LFPAK 80 V 12.9 mΩ standard level MOSFET
Rev. 01 - 25 June 2009
logo
ON Semiconductor
FDWS86068-F085 ONSEMI-FDWS86068-F085 Datasheet
156Kb / 6P
   N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
March, 2018 ??Rev. 2
logo
Fairchild Semiconductor
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com