Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2732-05 Datasheet (PDF) - Integrated Circuit Systems

MK2732-05 Datasheet PDF - Integrated Circuit Systems
Part # MK2732-05
Download  MK2732-05 Download

File Size   43.05 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Phase Noise VCXOMultiplier

MK2732-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2732-05 Datasheet PDF - Integrated Circuit Systems

Part # MK2732-05
Download  MK2732-05 Click to download

File Size   43.05 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Phase Noise VCXOMultiplier

MK2732-05 Datasheet (HTML) - Integrated Circuit Systems

MK2732-05 Datasheet HTML 1Page - Integrated Circuit Systems MK2732-05 Datasheet HTML 2Page - Integrated Circuit Systems MK2732-05 Datasheet HTML 3Page - Integrated Circuit Systems MK2732-05 Datasheet HTML 4Page - Integrated Circuit Systems

MK2732-05 Product details

Description
The MK2732-05 is a low cost, low jitter, high performance VCXO and PLL clock synthesizer designed to replace expensive discrete VCXOs and multipliers. The on-chip Voltage Controlled Crystal Oscillator (VCXO) accepts a 0 to 3 V input voltage to cause the output clocks to vary by ±100 ppm. Using ICS/MicroClock’s patented VCXO and analog Phase-Locked Loop (PLL) techniques, the device uses an inexpensive 10 MHz to 14.318 MHz pullable crystal input to produce one or two output clocks.

Features
• Packaged in 16 pin narrow SOIC
• Replaces a VCXO and multiplier
• Uses an inexpensive pullable crystal
• Output clocks up to 85 MHz
• On-chip patented VCXO with pull range of 200 ppm (±100 ppm) minimum
• VCXO tuning voltage of 0 to 3 V
• Zero ppm synthesis error in both clocks
• 25 mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 5 V operating voltage for core, ability to run output clocks at 3.3V or 5V




Similar Part No. - MK2732-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
Renesas Technology Corp
MK2732-06 RENESAS-MK2732-06 Datasheet
364Kb / 9P
   LOW PHASE NOISE VCXO AND MULTIPLIER
051310
logo
Integrated Circuit Syst...
MK2732-06G ICST-MK2732-06G Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06GI ICST-MK2732-06GI Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
Renesas Technology Corp
MK2732-06GILF RENESAS-MK2732-06GILF Datasheet
364Kb / 9P
   LOW PHASE NOISE VCXO AND MULTIPLIER
051310
More results


Similar Description - MK2732-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
Renesas Technology Corp
MK2732-06 RENESAS-MK2732-06 Datasheet
364Kb / 9P
   LOW PHASE NOISE VCXO AND MULTIPLIER
051310
logo
PhaseLink Corporation
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
logo
PhaseLink Corporation
PLL502-35 PLL-PLL502-35 Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
logo
Micrel Semiconductor
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier VCXO
logo
PhaseLink Corporation
PLL502-67 PLL-PLL502-67 Datasheet
100Kb / 6P
   4 Outputs 12.5MHz - 200MHz Low Phase Noise Multiplier VCXO
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com