Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG6301N_F085 Datasheet (PDF) - Fairchild Semiconductor

FDG6301N_F085 Datasheet PDF - Fairchild Semiconductor
Part # FDG6301N_F085
Download  FDG6301N_F085 Download

File Size   351.8 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual N-Channel, Digital FET

FDG6301N_F085 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDG6301N_F085 Datasheet PDF - Fairchild Semiconductor

Part # FDG6301N_F085
Download  FDG6301N_F085 Click to download

File Size   351.8 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual N-Channel, Digital FET

FDG6301N_F085 Datasheet (HTML) - Fairchild Semiconductor


FDG6301N_F085 Product details

General Description
These dual N-Channel logic level enhancement mode field effect transistors are produced using Fairchilds proprietary, high cell density, DMOS technology. This very high density process is especially tailored to minimize on-state resistance. This device has been designed especially for low voltage applications as a replacement for bipolar digital transistors and small signal MOSFETs.
   
Features
■ 25 V, 0.22 A continuous, 0.65 A peak.
                      RDS(ON) = 4 Ω @ VGS= 4.5 V,
                      RDS(ON) = 5 Ω @ VGS= 2.7 V.
■ Very low level gate drive requirements allowing direct
    operation in 3 V circuits (VGS(th) < 1.5 V).
■ Gate-Source Zener for ESD ruggedness
    (>6kV Human Body Model).
■ Compact industry standard SC70-6 surface mount
    package.
■ RoHS Compliant
■ Qualified to AEC Q101
   




Similar Part No. - FDG6301N_F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
More results


Similar Description - FDG6301N_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6301N FAIRCHILD-FDG6301N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6313N FAIRCHILD-FDG6313N Datasheet
58Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
logo
Shenzhen Huazhimei Semi...
HM2302BWSR HMSEMI-HM2302BWSR Datasheet
199Kb / 5P
   Dual N-Channel Digital FET
logo
Fairchild Semiconductor
FDG6303N FAIRCHILD-FDG6303N_01 Datasheet
413Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N Datasheet
73Kb / 4P
   Dual N-Channel , Digital FET
FDC6303N FAIRCHILD-FDC6303N Datasheet
72Kb / 4P
   Digital FET, Dual N-Channel
FDG6303N FAIRCHILD-FDG6303N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6301N FAIRCHILD-FDG6301N_09 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com