Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS12PU120S Datasheet (PDF) - Bruckewell Technology LTD

SS12PU120S Datasheet PDF - Bruckewell Technology LTD
Part # SS12PU120S
Download  SS12PU120S Download

File Size   272.96 Kbytes
Page   3 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description High Current Density Surface Mount Ultra Low VF Schottky Rectifier

SS12PU120S Datasheet (PDF)

Go To PDF Page Download Datasheet
SS12PU120S Datasheet PDF - Bruckewell Technology LTD

Part # SS12PU120S
Download  SS12PU120S Click to download

File Size   272.96 Kbytes
Page   3 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description High Current Density Surface Mount Ultra Low VF Schottky Rectifier

SS12PU120S Datasheet (HTML) - Bruckewell Technology LTD

SS12PU120S Datasheet HTML 1Page - Bruckewell Technology LTD SS12PU120S Datasheet HTML 2Page - Bruckewell Technology LTD SS12PU120S Datasheet HTML 3Page - Bruckewell Technology LTD

SS12PU120S Product details

Description
The SS12PU120S provides very low VF and excellent
reverse leakage stability at high temperatures in
TO-277A/B package. It is ideal for use as a rectifier,
freewheel diode or blocking diode

Features
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1, per J-STD-020
• Solder dip 260 °C max. 10 s, per JESD 22-A111
• RoHS compliant package

Application
‧ DC/DC Converters
‧ AC/DC Adaptors




Similar Part No. - SS12PU120S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS12P2L VISHAY-SS12P2L Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 30-Jul-08
SS12P2L VISHAY-SS12P2L Datasheet
96Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS12P2L VISHAY-SS12P2L Datasheet
94Kb / 6P
   Schottky Barrier Rectifiers
Revision: 17-Jan-14
SS12P2L VISHAY-SS12P2L Datasheet
108Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS12P2L VISHAY-SS12P2L_11 Datasheet
96Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
More results


Similar Description - SS12PU120S

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS6PU100 BWTECH-SS6PU100 Datasheet
446Kb / 4P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS8PU100 BWTECH-SS8PU100 Datasheet
300Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS8P100 BWTECH-SS8P100 Datasheet
232Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU100S BWTECH-SS10PU100S Datasheet
765Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU100 BWTECH-SS10PU100 Datasheet
763Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SD10PU100 BWTECH-SD10PU100 Datasheet
166Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS5P100 BWTECH-SS5P100 Datasheet
214Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU80 BWTECH-SS10PU80 Datasheet
161Kb / 4P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS20PU80 BWTECH-SS20PU80 Datasheet
161Kb / 4P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU120S BWTECH-SS10PU120S Datasheet
289Kb / 3P
   High Surge Protection High Current Density Surface Mount Ultra Low VF Schottky Rectifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com