Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX112MTCX Datasheet (PDF) - Fairchild Semiconductor

74LCX112MTCX Datasheet PDF - Fairchild Semiconductor
Part # 74LCX112MTCX
Download  74LCX112MTCX Download

File Size   102.35 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs

74LCX112MTCX Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX112MTCX Datasheet PDF - Fairchild Semiconductor

Part # 74LCX112MTCX
Download  74LCX112MTCX Click to download

File Size   102.35 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs

74LCX112MTCX Datasheet (HTML) - Fairchild Semiconductor

74LCX112MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX112MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX112MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX112MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX112MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX112MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX112MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX112MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX112MTCX Datasheet HTML 9Page - Fairchild Semiconductor

74LCX112MTCX Product details

General Description

The LCX112 is a dual J-K flip-flop. Each flip-flop has inde pendent J, K, PRESET, CLEAR, and CLOCK inputs with Q, Q outputs. These devices are edge sensitive and change state on the negative going transition of the clock pulse. Clear and preset are independent of the clock and accomplished by a low logic level on the corresponding input. LCX devices are designed for low voltage (3.3V or 2.5) operation with the added capability of interfacing to a 5V signal environment.

The 74LCX112 is fabricated with advanced CMOS technology to achieve high speed operation while maintaining CMOS low power dissipation.



Features

■ 5V tolerant inputs

■ 2.3V–3.6V VCC specifications provided

■ 7.5 ns tPD max (VCC = 3.3V), 10 µA ICC max

■ Power down high impedance inputs and outputs

■ ±24 mA output drive (VCC = 3.0V)

■ Implements patented noise/EMI reduction circuitry

■ Latch-up performance exceeds 500 mA

■ ESD performance:

   Human body model > 2000V

   Machine model > 2000V



 




Similar Part No. - 74LCX112MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX112MTC FAIRCHILD-74LCX112MTC Datasheet
99Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX112MTC ONSEMI-74LCX112MTC Datasheet
205Kb / 11P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Revised February 2001
More results


Similar Description - 74LCX112MTCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX112 ONSEMI-74LCX112 Datasheet
205Kb / 11P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Revised February 2001
logo
Fairchild Semiconductor
74LCX112 FAIRCHILD-74LCX112 Datasheet
99Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
logo
NXP Semiconductors
74ALS112A PHILIPS-74ALS112A Datasheet
92Kb / 10P
   Dual J-K negative edge-triggered flip-flop
1991 Feb 08
logo
Texas Instruments
SN74F112NSR TI1-SN74F112NSR Datasheet
627Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP
logo
NXP Semiconductors
74F112 PHILIPS-74F112 Datasheet
83Kb / 10P
   Dual J-K negative edge-triggered flip-flop
1990 Feb 09
logo
Mitsubishi Electric Sem...
M74LS73AP MITSUBISHI-M74LS73AP Datasheet
220Kb / 4P
   DUAL J-K NEGATIVE EDGE-TRIGGERED FLIP FLOP WITH RESET
logo
Fairchild Semiconductor
74LCX74 FAIRCHILD-74LCX74 Datasheet
89Kb / 11P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX74 ONSEMI-74LCX74 Datasheet
682Kb / 13P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
December 2013 Rev. 1.7.1
logo
Unisonic Technologies
U74LCX74 UTC-U74LCX74 Datasheet
175Kb / 7P
   LOW VOLTAGE DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP WITH 5V TOLERANT INPUTS
logo
Texas Instruments
74ACT11112 TI-74ACT11112 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com