Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4027 Datasheet (PDF) - Intersil Corporation

CD4027 Datasheet PDF - Intersil Corporation
Part # CD4027
Download  CD4027 Download

File Size   72.39 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual J-K Master-Slave Flip-Flop

CD4027 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4027 Datasheet PDF - Intersil Corporation

Part # CD4027
Download  CD4027 Click to download

File Size   72.39 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual J-K Master-Slave Flip-Flop

CD4027 Datasheet (HTML) - Intersil Corporation

CD4027 Datasheet HTML 1Page - Intersil Corporation CD4027 Datasheet HTML 2Page - Intersil Corporation CD4027 Datasheet HTML 3Page - Intersil Corporation CD4027 Datasheet HTML 4Page - Intersil Corporation CD4027 Datasheet HTML 5Page - Intersil Corporation CD4027 Datasheet HTML 6Page - Intersil Corporation CD4027 Datasheet HTML 7Page - Intersil Corporation CD4027 Datasheet HTML 8Page - Intersil Corporation

CD4027 Product details

Description
CD4027BMS is a single monolithic chip integrated circuit containing two identical complementary-symmetry J-K master slave flip-flops. Each flip-flop has provisions for individual J, K, Set Reset, and Clock input signals. Buffered Q and Q signals are provided as outputs. This input-output arrangement provides for compatible operation with the Intersil CD4013B dual D type flip-flop.
The CD4027BMS is useful in performing control, register, and toggle functions. Logic levels present at the J and K inputs along with internal self-steering control the state of each flip-flop; changes in the flip-flop state are synchronous with the positive-going transition of the clock pulse. Set and reset functions are independent of the clock and are initiated when a high level signal is present at either the Set or Reset input.

The CD4027BMS is supplied in these 16-lead outline packages:
   Braze Seal DIP H4T
   Frit Seal DIP H1E
   Ceramic Flatpack H6W

Features
• High Voltage Type (20V Rating)
• Set - Reset Capability
• Static Flip-Flop Operation - Retains State Indefinitely
   with Clock Level Either “High” or “Low”
• Medium Speed Operation - 16MHz (typ.) Clock Toggle
   Rate at 10V
• Standardized Symmetrical Output Characteristics
• 100% Tested For Quiescent Current at 20V
• Maximum Input Current of 1µA at 18V Over Full
   Package-Temperature Range;
   - 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
   - 1V at VDD = 5V
   - 2V at VDD = 10V
   - 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
   No. 13B, “Standard Specifications for Description of
   ‘B’ Series CMOS Devices”
  
Applications
• Registers, Counters, Control Circuits




Similar Part No. - CD4027

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4027 TI-CD4027 Datasheet
531Kb / 12P
[Old version datasheet]   CMOS DUAL J-K MASTER-SLAVER FLIP-FLOP
logo
List of Unclassifed Man...
CD4027 ETC2-CD4027 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4027B TI-CD4027B Datasheet
531Kb / 12P
[Old version datasheet]   CMOS DUAL J-K MASTER-SLAVER FLIP-FLOP
CD4027B TI1-CD4027B Datasheet
1Mb / 27P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
CD4027B-MIL TI1-CD4027B-MIL Datasheet
1Mb / 27P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
More results


Similar Description - CD4027

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4027B TI1-CD4027B_15 Datasheet
1Mb / 27P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
CD4027B TI-CD4027B_07 Datasheet
676Kb / 14P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
   DUAL J-K MASTER-SLAVE FLIP FLOP
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
   DUAL J-K MASTER SLAVE FLIP FLOP
logo
ON Semiconductor
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP_07 Datasheet
329Kb / 9P
   Dual J-K Master-Slave Flip Flop
logo
STMicroelectronics
HCF4027B STMICROELECTRONICS-HCF4027B_02 Datasheet
218Kb / 9P
   DUAL J-K MASTER SLAVE FLIP-FLOP
HCC4027B STMICROELECTRONICS-HCC4027B Datasheet
286Kb / 12P
   DUAL-J-K MASTER-SLAVE FLIP-FLOP
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com