Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2539 Datasheet (PDF) - Intersil Corporation

HA-2539 Datasheet PDF - Intersil Corporation
Part # HA-2539
Download  HA-2539 Download

File Size   613.39 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 600MHz, Very High Slew Rate Operational Amplifier

HA-2539 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2539 Datasheet PDF - Intersil Corporation

Part # HA-2539
Download  HA-2539 Click to download

File Size   613.39 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 600MHz, Very High Slew Rate Operational Amplifier

HA-2539 Datasheet (HTML) - Intersil Corporation

HA-2539 Datasheet HTML 1Page - Intersil Corporation HA-2539 Datasheet HTML 2Page - Intersil Corporation HA-2539 Datasheet HTML 3Page - Intersil Corporation HA-2539 Datasheet HTML 4Page - Intersil Corporation HA-2539 Datasheet HTML 5Page - Intersil Corporation HA-2539 Datasheet HTML 6Page - Intersil Corporation HA-2539 Datasheet HTML 7Page - Intersil Corporation HA-2539 Datasheet HTML 8Page - Intersil Corporation

HA-2539 Product details

600MHz, Very High Slew Rate Operational Amplifier



The Intersil HA-2539 represents the ultimate in high slew rate, wideband, monolithic operational amplifiers. It has been designed and constructed with the Intersil High Frequency Bipolar Dielectric Isolation process and features dynamic parameters never before available from a truly differential device.



Features

• Very High Slew Rate . . . . . . . . . . . . . . . . . . . . . . 600V/µs

• Open Loop Gain . . . . . . . . . . . . . . . . . . . . . . . . . . 15kV/V

• Wide Gain-Bandwidth (AV≥10) . . . . . . . . . . . . . . 600MHz

• Power Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . 9.5MHz

• Low Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mV

• Input Voltage Noise . . . . . . . . . . . . . . . . . . . . . . 6nV/√Hz

• Output Voltage Swing . . . . . . . . . . . . . . . . . . . . . . . . ±10V

• Monolithic Bipolar Dielectric Construction



Applications

• Pulse and Video Amplifiers

• Wideband Amplifiers

• High Speed Sample-Hold Circuits

• RF Oscillators




Similar Part No. - HA-2539

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
More results


Similar Description - HA-2539

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA2840 HARRIS-HA2840 Datasheet
142Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2839 HARRIS-HA-2839 Datasheet
140Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
134Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
July 1994
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com