Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2556 Datasheet (PDF) - Intersil Corporation

HA-2556 Datasheet PDF - Intersil Corporation
Part # HA-2556
Download  HA-2556 Download

File Size   244.11 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier

HA-2556 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2556 Datasheet PDF - Intersil Corporation

Part # HA-2556
Download  HA-2556 Click to download

File Size   244.11 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier

HA-2556 Datasheet (HTML) - Intersil Corporation

Back Button HA-2556 Datasheet HTML 1Page - Intersil Corporation HA-2556 Datasheet HTML 2Page - Intersil Corporation HA-2556 Datasheet HTML 3Page - Intersil Corporation HA-2556 Datasheet HTML 4Page - Intersil Corporation HA-2556 Datasheet HTML 5Page - Intersil Corporation HA-2556 Datasheet HTML 6Page - Intersil Corporation HA-2556 Datasheet HTML 7Page - Intersil Corporation HA-2556 Datasheet HTML 8Page - Intersil Corporation HA-2556 Datasheet HTML 9Page - Intersil Corporation HA-2556 Datasheet HTML 10Page - Intersil Corporation Next Button 

HA-2556 Product details

The HA-2556 is a monolithic, high speed, four quadrant, analog multiplier constructed in the Intersil Dielectrically Isolated High Frequency Process. The voltage output simplifies many designs by eliminating the current-to-voltage conversion stage required for current output multipliers. The HA-2556 provides a 450V/µs slew rate and maintains 52MHz and 57MHz bandwidths for the X and Y channels respectively, making it an ideal part for use in video systems.



Features

• High Speed Voltage Output . . . . . . . . . . . . . . . . . 450V/µs

• Low Multiplication Error . . . . . . . . . . . . . . . . . . . . . . .1.5%

• Input Bias Currents. . . . . . . . . . . . . . . . . . . . . . . . . . . 8µA

• 5MHz Feedthrough. . . . . . . . . . . . . . . . . . . . . . . . . . -50dB

• Wide Y Channel Bandwidth . . . . . . . . . . . . . . . . . . 57MHz

• Wide X Channel Bandwidth . . . . . . . . . . . . . . . . . . 52MHz

• VY 0.1dB Gain Flatness . . . . . . . . . . . . . . . . . . . . 5.0MHz



Applications

• Military Avionics

• Missile Guidance Systems

• Medical Imaging Displays

• Video Mixers

• Sonar AGC Processors

• Radar Signal Conditioning

• Voltage Controlled Amplifier

• Vector Generators



 




Similar Part No. - HA-2556

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556 Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA-2556/883 INTERSIL-HA-2556/883 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
More results


Similar Description - HA-2556

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com