Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-1520-SW000 Datasheet (PDF) - Agilent(Hewlett-Packard)

HLMP-1520-SW000 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HLMP-1520-SW000
Download  HLMP-1520-SW000 Download

File Size   205.27 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-1 (3 mm) High Intensity LED Lamps

HLMP-1520-SW000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-1520-SW000 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HLMP-1520-SW000
Download  HLMP-1520-SW000 Click to download

File Size   205.27 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-1 (3 mm) High Intensity LED Lamps

HLMP-1520-SW000 Datasheet (HTML) - Agilent(Hewlett-Packard)

HLMP-1520-SW000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1520-SW000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1520-SW000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1520-SW000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1520-SW000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1520-SW000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1520-SW000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1520-SW000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)

HLMP-1520-SW000 Product details

Description
This family of T-1 lamps is specially designed for applications requiring higher on-axis intensity than is achievable with a standard lamp. The light generated is focused to a narrow beam to achieve this effect.

Features
• High Intensity
• Choice of 3 Bright Colors
    High Efficiency Red Yellow
    High Performance Green
• Popular T-1 Diameter Package
• Selected Minimum Intensities
• Narrow Viewing Angle
• General Purpose Leads
• Reliable and Rugged
• Available on Tape and Reel
• For more information, please refer to Tape and Reel Option Data Sheet




Similar Part No. - HLMP-1520-SW000

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-1520 QT-HLMP-1520 Datasheet
244Kb / 3P
   CLEAR LENS T-100 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1520 AVAGO-HLMP-1520 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
More results


Similar Description - HLMP-1520-SW000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com