Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTG20N50C1D Datasheet (PDF) - Intersil Corporation

HGTG20N50C1D Datasheet PDF - Intersil Corporation
Part # HGTG20N50C1D
Download  HGTG20N50C1D Download

File Size   33.26 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20A, 500V N-Channel IGBT with Anti-Parallel Ultrafast Diode

HGTG20N50C1D Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTG20N50C1D Datasheet PDF - Intersil Corporation

Part # HGTG20N50C1D
Download  HGTG20N50C1D Click to download

File Size   33.26 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20A, 500V N-Channel IGBT with Anti-Parallel Ultrafast Diode

HGTG20N50C1D Datasheet (HTML) - Intersil Corporation

HGTG20N50C1D Datasheet HTML 1Page - Intersil Corporation HGTG20N50C1D Datasheet HTML 2Page - Intersil Corporation HGTG20N50C1D Datasheet HTML 3Page - Intersil Corporation HGTG20N50C1D Datasheet HTML 4Page - Intersil Corporation HGTG20N50C1D Datasheet HTML 5Page - Intersil Corporation

HGTG20N50C1D Product details

Description
The IGBT is a MOS gated high voltage switching device combining the best features of MOSFETs and bipolar transistors. The device has the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only
moderately between +25°C and +150°C. The diode used in parallel with the IGBT is an ultrafast (tRR< 60ns) with soft recovery characteristic.

Features
• 20A, 500V
• Latch Free Operation
• Typical Fall Time < 500ns
• High Input Impedance
• Low Conduction Loss
• With Anti-Parallel Diode
•tRR< 60ns




Similar Part No. - HGTG20N50C1D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG20N100D2 INTERSIL-HGTG20N100D2 Datasheet
36Kb / 5P
   20A, 1000V N-Channel IGBT
May 1995
HGTG20N120 INTERSIL-HGTG20N120 Datasheet
167Kb / 5P
   34A, 1200V N-Channel IGBT
April 1995
HGTG20N120C3D INTERSIL-HGTG20N120C3D Datasheet
97Kb / 8P
   45A, 1200V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1998
HGTG20N120CN INTERSIL-HGTG20N120CN Datasheet
83Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG20N120CND INTERSIL-HGTG20N120CND Datasheet
93Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Similar Description - HGTG20N50C1D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTH20N40C1D INTERSIL-HGTH20N40C1D Datasheet
35Kb / 6P
   20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTG12N60D1D INTERSIL-HGTG12N60D1D Datasheet
36Kb / 6P
   12A, 600V N-Channel IGBT with Anti-Parallel Ultrafast Diode
April 1995
HGTG24N60D1D INTERSIL-HGTG24N60D1D Datasheet
35Kb / 5P
   24A, 600V N-Channel IGBT with Anti-Parallel Ultrafast Diode
April 1995
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40F1D INTERSIL-HGTP10N40F1D Datasheet
34Kb / 5P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
logo
ON Semiconductor
HGTG11N120CND ONSEMI-HGTG11N120CND Datasheet
437Kb / 10P
   NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
December, 2020 ??Rev. 2
logo
Fairchild Semiconductor
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com