Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTG30N120CN Datasheet (PDF) - Intersil Corporation

HGTG30N120CN Datasheet PDF - Intersil Corporation
Part # HGTG30N120CN
Download  HGTG30N120CN Download

File Size   81.32 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 1200V, NPT Series N-Channel IGBT

HGTG30N120CN Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTG30N120CN Datasheet PDF - Intersil Corporation

Part # HGTG30N120CN
Download  HGTG30N120CN Click to download

File Size   81.32 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 1200V, NPT Series N-Channel IGBT

HGTG30N120CN Datasheet (HTML) - Intersil Corporation

HGTG30N120CN Datasheet HTML 1Page - Intersil Corporation HGTG30N120CN Datasheet HTML 2Page - Intersil Corporation HGTG30N120CN Datasheet HTML 3Page - Intersil Corporation HGTG30N120CN Datasheet HTML 4Page - Intersil Corporation HGTG30N120CN Datasheet HTML 5Page - Intersil Corporation HGTG30N120CN Datasheet HTML 6Page - Intersil Corporation HGTG30N120CN Datasheet HTML 7Page - Intersil Corporation

HGTG30N120CN Product details

The HGTG30N120CN is a Non-Punch Through (NPT) IGBT design. This is a new member of the MOS gated high voltage switching IGBT family. IGBTs combine the best features of MOSFETs and bipolar transistors. This device has the high input impedance of a MOSFET and the low onstate conduction loss of a bipolar transistor.

Features
• 75A, 1200V, TC = 25°C
• 1200V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . 350ns at TJ = 150°C
• Short Circuit Rating
• Low Conduction Loss
• Avalanche Rated
• Thermal Impedance SPICE Model
    Temperature Compensating SABER™ Model www.intersil.com




Similar Part No. - HGTG30N120CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG30N120CN INTERSIL-HGTG30N120CN Datasheet
40Kb / 5P
   30A, 1200V N-Channel IGBT
April 1995
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
More results


Similar Description - HGTG30N120CN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG11N120CN INTERSIL-HGTG11N120CN Datasheet
81Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com