Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-674AKN-5 Datasheet (PDF) - Intersil Corporation

HI3-674AKN-5 Datasheet PDF - Intersil Corporation
Part # HI3-674AKN-5
Download  HI3-674AKN-5 Download

File Size   200.42 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Complete, 12-Bit A/D Converters with Microprocessor Interface

HI3-674AKN-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI3-674AKN-5 Datasheet PDF - Intersil Corporation

Part # HI3-674AKN-5
Download  HI3-674AKN-5 Click to download

File Size   200.42 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Complete, 12-Bit A/D Converters with Microprocessor Interface

HI3-674AKN-5 Datasheet (HTML) - Intersil Corporation

Back Button HI3-674AKN-5 Datasheet HTML 1Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 2Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 3Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 4Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 5Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 6Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 7Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 8Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 9Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 10Page - Intersil Corporation Next Button 

HI3-674AKN-5 Product details

The HI-X74(A) is a complete 12-bit, Analog-to-Digital Converter, including a +10V reference clock, three-state outputs and a digital interface for microprocessor control. Successive approximation conversion is performed by two monolithic dice housed in a 28 lead package. The bipolar analog die features the Intersil Dielectric Isolation process, which provides enhanced AC performance and freedom from latch-up.

Features
• Complete 12-Bit A/D Converter with Reference and Clock
• Full 8-Bit, 12-Bit or 16-Bit Microprocessor Bus Interface
• Bus Access Time . . . . . . . . . . . . . . . . . . . . . . . . . . . 150ns
• No Missing Codes Over Temperature
• Minimal Setup Time for Control Signals
• Fast Conversion Times
    - HI-574A (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25µs
    - HI-674A (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15µs
• Low Noise, via Current-Mode Signal Transmission Between Chips
• Byte Enable/Short Cycle (AO Input)
    - Guaranteed Break-Before-Make Action, Eliminating Bus Contention During Read Operation. Latched by Start Convert Input (To Set the Conversion Length)
• Supply Voltage . . . . . . . . . . . . . . . . . . . . . . ±12V to ±15V
• Pb-Free Available (RoHS Compliant)

Applications
• Military and Industrial Data Acquisition Systems
• Electronic Test and Scientific Instrumentation
• Process Control Systems




Similar Part No. - HI3-674AKN-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-674AKN-5 INTERSIL-HI3-674AKN-5 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-674AKN-5 INTERSIL-HI3-674AKN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Renesas Technology Corp
HI3-674AKN-5 RENESAS-HI3-674AKN-5 Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI3-674AKN-5Z INTERSIL-HI3-674AKN-5Z Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Renesas Technology Corp
HI3-674AKN-5Z RENESAS-HI3-674AKN-5Z Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
More results


Similar Description - HI3-674AKN-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-574AJN-5 INTERSIL-HI3-574AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
HI-574A INTERSIL-HI-574A_08 Datasheet
392Kb / 18P
   Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
logo
Analog Devices
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com