Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM-6617 Datasheet (PDF) - Intersil Corporation

HM-6617 Datasheet PDF - Intersil Corporation
Part # HM-6617
Download  HM-6617 Download

File Size   91.67 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2K x 8 CMOS PROM

HM-6617 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM-6617 Datasheet PDF - Intersil Corporation

Part # HM-6617
Download  HM-6617 Click to download

File Size   91.67 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2K x 8 CMOS PROM

HM-6617 Datasheet (HTML) - Intersil Corporation

HM-6617 Datasheet HTML 1Page - Intersil Corporation HM-6617 Datasheet HTML 2Page - Intersil Corporation HM-6617 Datasheet HTML 3Page - Intersil Corporation HM-6617 Datasheet HTML 4Page - Intersil Corporation HM-6617 Datasheet HTML 5Page - Intersil Corporation HM-6617 Datasheet HTML 6Page - Intersil Corporation HM-6617 Datasheet HTML 7Page - Intersil Corporation

HM-6617 Product details

Description
The HM-6617 is a 16,384 bit fuse link CMOS PROM in a 2K word by 8-bit/word format with “Three-State” outputs. This PROM is available in the standard 0.600 inch wide 24 pin SBDIP, the 0.300 inch wide slimline SBDIP, and the JEDEC standard 32 pad CLCC.

Features
• Low Power Standby and Operating Power
    - ICCSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100µA
    - ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA at 1MHz
• Fast Access Time. . . . . . . . . . . . . . . . . . . . . . . 90/120ns
• Industry Standard Pinout
• Single 5.0V Supply
• CMOS/TTL Compatible Inputs
• High Output Drive . . . . . . . . . . . . . . . . 12 LSTTL Loads
• Synchronous Operation
• On-Chip Address Latches
• Separate Output Enable




Similar Part No. - HM-6617

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6617/883 INTERSIL-HM-6617/883 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
More results


Similar Description - HM-6617

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
STMicroelectronics
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
   MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
   HIGH SPEED 2K x 8 CMOS PROM/RPROM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com