Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-1840ARH-T Datasheet (PDF) - Intersil Corporation

HS-1840ARH-T Datasheet PDF - Intersil Corporation
Part # HS-1840ARH-T
Download  HS-1840ARH-T Download

File Size   65.76 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection

HS-1840ARH-T Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-1840ARH-T Datasheet PDF - Intersil Corporation

Part # HS-1840ARH-T
Download  HS-1840ARH-T Click to download

File Size   65.76 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection

HS-1840ARH-T Datasheet (HTML) - Intersil Corporation

HS-1840ARH-T Datasheet HTML 1Page - Intersil Corporation HS-1840ARH-T Datasheet HTML 2Page - Intersil Corporation HS-1840ARH-T Datasheet HTML 3Page - Intersil Corporation

HS-1840ARH-T Product details

Intersil’s Satellite Applications FlowTM (SAF) devices are fully tested and guaranteed to 100kRAD Total Dose. These QML Class T devices are processed to a standard flow intended to meet the cost and shorter lead-time needs of large volume satellite manufacturers, while maintaining a high level of reliability.

Features
• QML Class T, Per MIL-PRF-38535
• Radiation Performance
    - Gamma Dose (γ) 1 x 105 RAD(Si)
    - No Latch-Up, Dielectrically Isolated Device Islands
• Improved rDS(ON) Linearity
• Improved Access Time 1.5µs (Max) Over Temp and Rad
• High Analog Input Impedance 500MΩ During Power Loss (Open)
• ±35V Input Over Voltage Protection (Power On or Off)
• Excellent in Hi-Rel Redundant Systems
• Break-Before-Make Switching




Similar Part No. - HS-1840ARH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1840ARH INTERSIL-HS-1840ARH Datasheet
219Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH INTERSIL-HS-1840ARH Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH INTERSIL-HS-1840ARH Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH INTERSIL-HS-1840ARH_11 Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
More results


Similar Description - HS-1840ARH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1840ARH INTERSIL-HS-1840ARH Datasheet
219Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840RH883S INTERSIL-HS-1840RH883S Datasheet
830Kb / 11P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH INTERSIL-HS-1840ARH_11 Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
ISL71840SEH INTERSIL-ISL71840SEH Datasheet
1Mb / 27P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
June 9, 2016
logo
Renesas Technology Corp
ISL71840SEH RENESAS-ISL71840SEH Datasheet
1Mb / 28P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
Oct 24, 2022
logo
Intersil Corporation
HS-1840BEH INTERSIL-HS-1840BEH Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com