Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6118HIB Datasheet (PDF) - Intersil Corporation

ISL6118HIB Datasheet PDF - Intersil Corporation
Part # ISL6118HIB
Download  ISL6118HIB Download

File Size   454.1 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Power Supply Controller

ISL6118HIB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6118HIB Datasheet PDF - Intersil Corporation

Part # ISL6118HIB
Download  ISL6118HIB Click to download

File Size   454.1 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Power Supply Controller

ISL6118HIB Datasheet (HTML) - Intersil Corporation

ISL6118HIB Datasheet HTML 1Page - Intersil Corporation ISL6118HIB Datasheet HTML 2Page - Intersil Corporation ISL6118HIB Datasheet HTML 3Page - Intersil Corporation ISL6118HIB Datasheet HTML 4Page - Intersil Corporation ISL6118HIB Datasheet HTML 5Page - Intersil Corporation ISL6118HIB Datasheet HTML 6Page - Intersil Corporation ISL6118HIB Datasheet HTML 7Page - Intersil Corporation ISL6118HIB Datasheet HTML 8Page - Intersil Corporation ISL6118HIB Datasheet HTML 9Page - Intersil Corporation ISL6118HIB Datasheet HTML 10Page - Intersil Corporation

ISL6118HIB Product details

The ISL6118 is a dual channel, fully independent overcurrent (OC) fault protection IC for the +2.5V to +5.5V environment. This device features internal current monitoring, accurate current limiting, integrated power switches and current limited delay to latch-off for system protection.

Features
• 80mΩ Integrated Power N-Channel MOSFET Switches
• Accurate Current Sensing and Limiting
• 12ms Fault Delay to Latch-Off, No Thermal Dependency
• 2.5V to 5.5V Operating Range
• Disabled Output Internally Pulled Low
• Undervoltage Lockout
• Controlled Turn-On Ramp Time
• Channel Independent Fault Output Signals
• Channel Independent Logic Level Enable High Inputs (ISL6118H) or Enable Low Inputs (ISL6118L)
• Pb-Free Package Options Available
• Tape & Reel Packing with ‘-T’ Part Number Suffix

Applications
• ACPI 3.3V AUX Control
• Electronic Circuit Limiting and Breaker




Similar Part No. - ISL6118HIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6118HIB RENESAS-ISL6118HIB Datasheet
638Kb / 10P
   Dual Power Supply Controller
ISL6118HIBZA RENESAS-ISL6118HIBZA Datasheet
638Kb / 10P
   Dual Power Supply Controller
More results


Similar Description - ISL6118HIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
   Dual Power Supply Controller
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
   Dual-Output Power-Supply Controller
Rev. J, 26-Apr-04
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
   High Efficiency Dual Power Supply Controller
REV. 0
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Linear Technology
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com