Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6531CR Datasheet (PDF) - Intersil Corporation

ISL6531CR Datasheet PDF - Intersil Corporation
Part # ISL6531CR
Download  ISL6531CR Download

File Size   461.09 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination

ISL6531CR Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6531CR Datasheet PDF - Intersil Corporation

Part # ISL6531CR
Download  ISL6531CR Click to download

File Size   461.09 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination

ISL6531CR Datasheet (HTML) - Intersil Corporation

Back Button ISL6531CR Datasheet HTML 1Page - Intersil Corporation ISL6531CR Datasheet HTML 2Page - Intersil Corporation ISL6531CR Datasheet HTML 3Page - Intersil Corporation ISL6531CR Datasheet HTML 4Page - Intersil Corporation ISL6531CR Datasheet HTML 5Page - Intersil Corporation ISL6531CR Datasheet HTML 6Page - Intersil Corporation ISL6531CR Datasheet HTML 7Page - Intersil Corporation ISL6531CR Datasheet HTML 8Page - Intersil Corporation ISL6531CR Datasheet HTML 9Page - Intersil Corporation ISL6531CR Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL6531CR Product details

Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination

The ISL6531 provides complete control and protection for dual DC-DC converters optimized for high-performance DDRAM memory applications. It is designed to drive low cost N-channel MOSFETs in synchronous-rectified buck topology to efficiently generate 2.5V VDDQ for powering DDRAM memory, VREF for DDRAM differential signalling, and VTT for signal termination. The ISL6531 integrates all of the control, output adjustment, monitoring and protection functions into a single package.

Features
• Provides VDDQ, VREF, and VTT voltages for one- and twochannel DDRAM memory systems
• Excellent voltage regulation
    - VDDQ = 2.5V ±2% over full operating range
    - VREF = 1/2 • VDDQ ±1% over full operating range
    - VTT = VREF ± 30mV
• Supports ‘S3’ sleep mode
    - VTT is held at 1/2 • VDDQ via a low power window regulator to minimize wake-up time
• Fast transient response
    - Full 0% to 100% duty ratio
• Operates from +5V Input
• VTT regulator internally compensated
• Overcurrent fault monitor on VDD
    - Does not require extra current sensing element
    - Uses MOSFET’s rDS(ON)
• Drives inexpensive N-Channel MOSFETs
• Small converter size
    - 300kHz fixed frequency oscillator
• 24 Lead, SOIC or 32 Lead, 5mm×5mm QFN
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• VDDQ, VTT, and VREF regulation for DDRAM memory systems
    - Main memory in AMD® Athlon™ and K8™, Pentium® III, Pentium IV, Transmeta, PowerPC™, AlphaPC™, and UltraSparc® based computer systems
• High-power tracking DC-DC regulators




Similar Part No. - ISL6531CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6531CR RENESAS-ISL6531CR Datasheet
897Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
More results


Similar Description - ISL6531CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6531 RENESAS-ISL6531 Datasheet
897Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
ISL6530 RENESAS-ISL6530 Datasheet
955Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6530 INTERSIL-ISL6530 Datasheet
540Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6535 INTERSIL-ISL6535 Datasheet
343Kb / 14P
   Synchronous Buck Pulse-Width Modulator PWM Controller
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com