Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURU150120 Datasheet (PDF) - Intersil Corporation

RURU150120 Datasheet PDF - Intersil Corporation
Part # RURU150120
Download  RURU150120 Download

File Size   69.09 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 150A, 1200V Ultrafast Diode

RURU150120 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURU150120 Datasheet PDF - Intersil Corporation

Part # RURU150120
Download  RURU150120 Click to download

File Size   69.09 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 150A, 1200V Ultrafast Diode

RURU150120 Datasheet (HTML) - Intersil Corporation

RURU150120 Datasheet HTML 1Page - Intersil Corporation RURU150120 Datasheet HTML 2Page - Intersil Corporation RURU150120 Datasheet HTML 3Page - Intersil Corporation RURU150120 Datasheet HTML 4Page - Intersil Corporation

RURU150120 Product details

The RURU150120 is an ultrafast diode with soft recovery characteristics (trr < 200ns). It has low forward voltage drop and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast soft recovery minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . <200ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURU150120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURU150100 INTERSIL-RURU150100 Datasheet
48Kb / 4P
   150A, 700V - 1000V Ultrafast Diodes
More results


Similar Description - RURU150120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRU150120 INTERSIL-RHRU150120 Datasheet
68Kb / 4P
   150A, 1200V Hyperfast Diode
logo
Nihon Inter Electronics...
PT150S12 NIEC-PT150S12 Datasheet
127Kb / 3P
   DIODE MODULE 150A/1200V/1600V
logo
Rohm
MH2208WZ ROHM-MH2208WZ Datasheet
1Mb / 4P
   1200V 150A Fast Recovery Diode
2021.08 - Rev.A
logo
Nihon Inter Electronics...
PRHMB150B12 NIEC-PRHMB150B12_1 Datasheet
202Kb / 3P
   150A 1200V
logo
National Instruments Co...
PBMB150B12 NI-PBMB150B12_15 Datasheet
231Kb / 3P
   150A, 1200V
PCHMB150B12A NI-PCHMB150B12A_15 Datasheet
202Kb / 3P
   150A, 1200V
logo
Nihon Inter Electronics...
PRHMB150B12A NIEC-PRHMB150B12A_1 Datasheet
202Kb / 3P
   150A 1200V
PCHMB150B12 NIEC-PCHMB150B12_1 Datasheet
202Kb / 3P
   150A 1200V
PDMB150B12C NIEC-PDMB150B12C_1 Datasheet
256Kb / 3P
   150A 1200V
logo
Intersil Corporation
RURU15060 INTERSIL-RURU15060 Datasheet
31Kb / 3P
   150A, 600V Ultrafast Diode
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com