Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856738 Datasheet (PDF) - TriQuint Semiconductor

856738 Datasheet PDF - TriQuint Semiconductor
Part # 856738_15
Download  856738 Download

File Size   984.65 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2140 MHz SAW Filter

856738 Datasheet (PDF)

Go To PDF Page Download Datasheet
856738 Datasheet PDF - TriQuint Semiconductor

Part # 856738_15
Download  856738 Click to download

File Size   984.65 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2140 MHz SAW Filter

856738 Datasheet (HTML) - TriQuint Semiconductor

856738_15 Datasheet HTML 1Page - TriQuint Semiconductor 856738_15 Datasheet HTML 2Page - TriQuint Semiconductor 856738_15 Datasheet HTML 3Page - TriQuint Semiconductor 856738_15 Datasheet HTML 4Page - TriQuint Semiconductor 856738_15 Datasheet HTML 5Page - TriQuint Semiconductor 856738_15 Datasheet HTML 6Page - TriQuint Semiconductor



Similar Part No. - 856738_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856731 TRIQUINT-856731 Datasheet
1Mb / 8P
   192 MHz SAW Filter
856731-EVB TRIQUINT-856731-EVB Datasheet
1Mb / 8P
   192 MHz SAW Filter
856731 TRIQUINT-856731_15 Datasheet
1Mb / 8P
   192 MHz SAW Filter
More results


Similar Description - 856738_15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2225E MURATA-SF2225E Datasheet
489Kb / 5P
   2140 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1433C TAI-SAW-TA1433C Datasheet
395Kb / 8P
   SAW Filter 2140 MHz
TA1433A TAI-SAW-TA1433A Datasheet
232Kb / 8P
   SAW Filter 2140 MHz
TA1587A TAI-SAW-TA1587A Datasheet
143Kb / 8P
   SAW Filter 2140 MHz
logo
TriQuint Semiconductor
856562 TRIQUINT-856562_15 Datasheet
478Kb / 5P
   2140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2225E RFM-SF2225E Datasheet
489Kb / 5P
   2140 MHz SAW Filter
logo
TriQuint Semiconductor
855937 TRIQUINT-855937 Datasheet
490Kb / 5P
   2140 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1845B TAI-SAW-TA1845B Datasheet
601Kb / 9P
   SAW Filter 2140 MHz
TA1396A TAI-SAW-TA1396A Datasheet
265Kb / 8P
   SAW Filter 2140 MHz BW60MHz
logo
API Technologies Corp
SF2140BA02540S APITECH-SF2140BA02540S Datasheet
168Kb / 3P
   2140 MHz SAW Filter 60 MHz bandwidth
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com