Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP4M9071 Datasheet (PDF) - TriQuint Semiconductor

TQP4M9071 Datasheet PDF - TriQuint Semiconductor
Part # TQP4M9071_15
Download  TQP4M9071 Download

File Size   388.45 Kbytes
Page   11 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description High Linearity 6-Bit, 31.5 dB Digital Step Attenuator

TQP4M9071 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQP4M9071 Datasheet PDF - TriQuint Semiconductor

Part # TQP4M9071_15
Download  TQP4M9071 Click to download

File Size   388.45 Kbytes
Page   11 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description High Linearity 6-Bit, 31.5 dB Digital Step Attenuator

TQP4M9071 Datasheet (HTML) - TriQuint Semiconductor

Back Button TQP4M9071_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP4M9071_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP4M9071_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP4M9071_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP4M9071_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP4M9071_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP4M9071_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP4M9071_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP4M9071_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP4M9071_15 Datasheet HTML 10Page - TriQuint Semiconductor Next Button 



Similar Part No. - TQP4M9071_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP4M9071-PCB_IF QORVO-TQP4M9071-PCB_IF Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
TQP4M9071-PCB_RF QORVO-TQP4M9071-PCB_RF Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
More results


Similar Description - TQP4M9071_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Peregrine Semiconductor
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
   UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
logo
Honeywell Solid State E...
HRF-AT4610 HONEYWELL-HRF-AT4610 Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4611 HONEYWELL-HRF-AT4611 Datasheet
120Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Serial Digital Attenuator
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAAD-008791-000100 MA-COM-MAAD-008791-000100 Datasheet
191Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-3.0 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com