Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-FL7653 Datasheet (PDF) - BetLux Electronics

BL-FL7653 Datasheet PDF - BetLux Electronics
Part # BL-FL7653
Download  BL-FL7653 Download

File Size   230.66 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 7.62*7.62*4.7MM, 3MM Elliptical head SUPER FLUX LED LAMP

BL-FL7653 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL-FL7653 Datasheet PDF - BetLux Electronics

Part # BL-FL7653
Download  BL-FL7653 Click to download

File Size   230.66 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 7.62*7.62*4.7MM, 3MM Elliptical head SUPER FLUX LED LAMP

BL-FL7653 Datasheet (HTML) - BetLux Electronics

BL-FL7653 Datasheet HTML 1Page - BetLux Electronics BL-FL7653 Datasheet HTML 2Page - BetLux Electronics BL-FL7653 Datasheet HTML 3Page - BetLux Electronics BL-FL7653 Datasheet HTML 4Page - BetLux Electronics



Similar Part No. - BL-FL7653

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-FL7653BGC BETLUX-BL-FL7653BGC Datasheet
70Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7653BGC BETLUX-BL-FL7653BGC Datasheet
230Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7653PGC BETLUX-BL-FL7653PGC Datasheet
70Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7653PGC BETLUX-BL-FL7653PGC Datasheet
230Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7653UBC BETLUX-BL-FL7653UBC Datasheet
70Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
More results


Similar Description - BL-FL7653

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-FL7670 BETLUX-BL-FL7670 Datasheet
305Kb / 4P
   7.62*7.62*4.0MM, 3MM ROUND SUPER FLUX LED LAMP
BL-FL7660 BETLUX-BL-FL7660 Datasheet
300Kb / 4P
   7.62*7.62*4.0MM, 3MM ROUND SUPER FLUX LED LAMP
BL-FL7600 BETLUX-BL-FL7600 Datasheet
229Kb / 4P
   7.62*7.62*2.5MM, flat top, SUPER FLUX LED LAMP
BL-FL7680 BETLUX-BL-FL7680 Datasheet
510Kb / 4P
   7.62*7.62*5.0MM, 5MM ROUND SUPER FLUX LED LAMP
BL-FL760R BETLUX-BL-FL760R Datasheet
229Kb / 4P
   7.62*7.62*3.5MM, flat round top, SUPER FLUX LED LAMP
BL-FL7644 BETLUX-BL-FL7644 Datasheet
365Kb / 4P
   7.62*7.62*4.0MM, 4MM Cylindrical, Inverted Cone SUPER FLUX LED LAMP
BL-FL7615 BETLUX-BL-FL7615 Datasheet
229Kb / 4P
   7.62*7.62*5.0MM, 5mm high power, SUPER FLUX LED LAMP
logo
Elite Enterprises (H.K....
1P00S6W33B0CA0Z1 ELITE-1P00S6W33B0CA0Z1 Datasheet
435Kb / 8P
   Standard 7.62*7.62*3.5mm diameter package
logo
Inolux Corporation
HT-PR70XXX INOLUX-HT-PR70XXX Datasheet
600Kb / 12P
   Super Flux Led Lamp with 3mm Dome
HT-PR50XXX INOLUX-HT-PR50XXX Datasheet
629Kb / 12P
   Super Flux Led Lamp with 3mm Dome
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com