Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1238A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1238A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA1238A
Download  TA1238A Download

File Size   358.41 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 2017.5 MHz

TA1238A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1238A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1238A
Download  TA1238A Click to download

File Size   358.41 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 2017.5 MHz

TA1238A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA1238A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1238A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1238A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1238A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1238A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1238A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1238A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1238A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA1238A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA12305AF TRANSKO-TA12305AF Datasheet
573Kb / 4P
   123.0 MHz IF SAW Filter / 5.53 MHz Bandwidth
Revision 0: 18 July 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TA1230A TAI-SAW-TA1230A Datasheet
418Kb / 6P
   SAW Filter 710 MHz
logo
Toshiba Semiconductor
TA1230Z TOSHIBA-TA1230Z Datasheet
490Kb / 12P
   TV SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR EIAJ SYSTEM
TA1231 TOSHIBA-TA1231 Datasheet
375Kb / 12P
   UHF/VHF TUNER IC
TA1231F TOSHIBA-TA1231F Datasheet
375Kb / 12P
   UHF/VHF TUNER IC
More results


Similar Description - TA1238A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2213K RFM-SF2213K Datasheet
467Kb / 6P
   2017.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0946A TAI-SAW-TA0946A Datasheet
341Kb / 5P
   SAW Filter 2017.5 MHz
logo
EPCOS
B7853 EPCOS-B7853 Datasheet
141Kb / 8P
   SAW filter 2017.5 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1039A TAI-SAW-TA1039A Datasheet
429Kb / 8P
   SAW Filter 2017.5 MHz
logo
RF Monolithics, Inc
SF2209H RFM-SF2209H Datasheet
481Kb / 5P
   2017.5 MHz SAW Filter
SF1208H RFM-SF1208H Datasheet
492Kb / 5P
   2017.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2202E-1 MURATA-SF2202E-1 Datasheet
132Kb / 5P
   2017.5 MHz SAW Filter
SF2202E MURATA-SF2202E Datasheet
815Kb / 5P
   2017.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF2202E RFM-SF2202E Datasheet
815Kb / 5P
   2017.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2209H MURATA-SF2209H Datasheet
481Kb / 5P
   2017.5 MHz SAW Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com