Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1240A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1240A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA1240A
Download  TA1240A Download

File Size   380.87 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1900MHz

TA1240A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1240A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1240A
Download  TA1240A Click to download

File Size   380.87 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1900MHz

TA1240A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA1240A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1240A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1240A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1240A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1240A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1240A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1240A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1240A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA1240A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1240A GOLLEDGE-TA1240A Datasheet
90Kb / 7P
   SAW Filter 1900.0MHz
More results


Similar Description - TA1240A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1093A TAI-SAW-TA1093A Datasheet
383Kb / 8P
   SAW Filter 1900MHz
logo
SIPAT Co,Ltd
LBT190001 SIPAT-LBT190001 Datasheet
174Kb / 3P
   1900MHz SAW Filter 40MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1122B TAI-SAW-TA1122B Datasheet
452Kb / 8P
   SAW Filter 1900MHz SMD 1.4X1.1 mm (BW=40MHz)
TA1122A TAI-SAW-TA1122A Datasheet
171Kb / 8P
   SAW Filter 1900MHz SMD 1.4X1.1 mm (BW=40MHz)
TA1424A TAI-SAW-TA1424A Datasheet
153Kb / 7P
   SAW Filter 1900MHz 40MHz BW SMD 1.4X1.1 mm
TA2018A TAI-SAW-TA2018A Datasheet
877Kb / 8P
   SAW Rx Filter 1900MHz LTE Band 39 SMD 1109 (40MHz BW)
logo
CTS Corporation
VCO3059 CTS-VCO3059 Datasheet
170Kb / 3P
   1785-1900MHz VCO
logo
American Accurate Compo...
JXMBDQ-T-1880-1920 AAC-JXMBDQ-T-1880-1920 Datasheet
168Kb / 1P
   1900MHz 3dB Hybrid
logo
TAI-SAW TECHNOLOGY CO.,...
TE0158A TAI-SAW-TE0158A Datasheet
1Mb / 13P
   Filter 2605 / 1900MHz 100/40MHz BW Band41/ Band39 Rx SMD1.5X1.1mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com