Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1388A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1388A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA1388A
Download  TA1388A Download

File Size   446.33 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 948 MHz

TA1388A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1388A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1388A
Download  TA1388A Click to download

File Size   446.33 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 948 MHz

TA1388A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA1388A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1388A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1388A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1388A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1388A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1388A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1388A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA1388A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1388A GOLLEDGE-TA1388A Datasheet
197Kb / 6P
   SAW Filter 948.0MHz
More results


Similar Description - TA1388A

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0948BA03155S APITECH-SF0948BA03155S Datasheet
140Kb / 3P
   948 MHz SAW Filter 8 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0948BA03155S SPECTRUM-SF0948BA03155S Datasheet
140Kb / 3P
   948 MHz SAW Filter 8 MHz Bandwidth
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com