Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G01 Datasheet (PDF) - Leshan Radio Company

MC74VHC1G01 Datasheet PDF - Leshan Radio Company
Part # MC74VHC1G01
Download  MC74VHC1G01 Download

File Size   153.73 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2-Input NAND Gate with Open Drain Output

MC74VHC1G01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC1G01 Datasheet PDF - Leshan Radio Company

Part # MC74VHC1G01
Download  MC74VHC1G01 Click to download

File Size   153.73 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2-Input NAND Gate with Open Drain Output

MC74VHC1G01 Datasheet (HTML) - Leshan Radio Company

MC74VHC1G01 Datasheet HTML 1Page - Leshan Radio Company MC74VHC1G01 Datasheet HTML 2Page - Leshan Radio Company MC74VHC1G01 Datasheet HTML 3Page - Leshan Radio Company MC74VHC1G01 Datasheet HTML 4Page - Leshan Radio Company

MC74VHC1G01 Product details

The MC74VHC1G01 is an advanced high speed CMOS 2–input NAND gate with an open drain output fabricated with silicon gate CMOS technology. It achieves high speed peration similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including an open drain output which provides the ability to set output switching level. This allows the MC74VHC1G01 to be used to interface 5 V circuits to circuits of any voltage between V CC and 7 V using an external resistor and power supply.
The MC74VHC1G01 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage.

• High Speed: t PD = 3.7 ns (Typ) at V CC = 5 V
• Low Internal Power Dissipation: I CC = 2 mA (Max) at T A= 25°C
• Power Down Protection Provided on Inputs
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 62; Equivalent Gates = 16




Similar Part No. - MC74VHC1G01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
78Kb / 6P
   2-Input NAND Gate with Open Drain Output
June, 2005 ??Rev. 14
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
More results


Similar Description - MC74VHC1G01

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
78Kb / 6P
   2-Input NAND Gate with Open Drain Output
June, 2005 ??Rev. 14
logo
Toshiba Semiconductor
TC7SZ38F TOSHIBA-TC7SZ38F Datasheet
188Kb / 7P
   2-Input NAND Gate(Open Drain Output)
logo
ON Semiconductor
NL17SZ38 ONSEMI-NL17SZ38 Datasheet
266Kb / 10P
   2-Input NAND Gate, Open Drain Output
December, 2019 ??Rev. 0
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com