Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR3U40P1 Datasheet (PDF) - Diodes Incorporated

SBR3U40P1 Datasheet PDF - Diodes Incorporated
Part # SBR3U40P1_15
Download  SBR3U40P1 Download

File Size   445.37 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SUPER BARRIER RECTIFIER 3.0A SBR짰 POWERDI짰

SBR3U40P1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR3U40P1 Datasheet PDF - Diodes Incorporated

Part # SBR3U40P1_15
Download  SBR3U40P1 Click to download

File Size   445.37 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SUPER BARRIER RECTIFIER 3.0A SBR짰 POWERDI짰

SBR3U40P1 Datasheet (HTML) - Diodes Incorporated

SBR3U40P1_15 Datasheet HTML 1Page - Diodes Incorporated SBR3U40P1_15 Datasheet HTML 2Page - Diodes Incorporated SBR3U40P1_15 Datasheet HTML 3Page - Diodes Incorporated SBR3U40P1_15 Datasheet HTML 4Page - Diodes Incorporated SBR3U40P1_15 Datasheet HTML 5Page - Diodes Incorporated



Similar Part No. - SBR3U40P1_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3U40P1-7 DIODES-SBR3U40P1-7 Datasheet
153Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI
SBR3U40P1Q-7 DIODES-SBR3U40P1Q-7 Datasheet
153Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI
More results


Similar Description - SBR3U40P1_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10A45SP5 DIODES-SBR10A45SP5_15 Datasheet
116Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U100P5 DIODES-SBR12U100P5_15 Datasheet
492Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U120P5 DIODES-SBR12U120P5_15 Datasheet
481Kb / 5P
   12.0A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR10U45SP5 DIODES-SBR10U45SP5_15 Datasheet
360Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12A45SP5 DIODES-SBR12A45SP5_15 Datasheet
561Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR15U30SP5 DIODES-SBR15U30SP5_15 Datasheet
546Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR1045SP5 DIODES-SBR1045SP5_15 Datasheet
217Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR20U50SLP DIODES-SBR20U50SLP_15 Datasheet
435Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI짰 20A SBR짰
SBR10U200P5 DIODES-SBR10U200P5_15 Datasheet
461Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR3A40SA DIODES-SBR3A40SA Datasheet
118Kb / 4P
   3.0A SBR짰 SUPER BARRIER RECTIFIER SMA
DS31107 Rev. 10 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com