Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD-130-4N Datasheet (PDF) - Tyco Electronics

CD-130-4N Datasheet PDF - Tyco Electronics
Part # CD-130-4N
Download  CD-130-4N Download

File Size   114.83 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 30 dB Bi-directional Coupler, 500 Watt 2 - 32 MHz

CD-130-4N Datasheet (PDF)

Go To PDF Page Download Datasheet
CD-130-4N Datasheet PDF - Tyco Electronics

Part # CD-130-4N
Download  CD-130-4N Click to download

File Size   114.83 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 30 dB Bi-directional Coupler, 500 Watt 2 - 32 MHz

CD-130-4N Datasheet (HTML) - Tyco Electronics

CD-130-4N Datasheet HTML 1Page - Tyco Electronics CD-130-4N Datasheet HTML 2Page - Tyco Electronics

CD-130-4N Product details

Features
• High Power Handling Capability – 500 Watts
• Very Low Insertion Loss – 0.1 dB Max
• Low VSWR – 1.1:1 Max




Similar Part No. - CD-130-4N

ManufacturerPart #DatasheetDescription
logo
CUI INC
CD-1206 CUI-CD-1206 Datasheet
473Kb / 5P
   magnetic buzzer
CD-1206-SMT CUI-CD-1206-SMT Datasheet
350Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CD-1206-SMT CUI-CD-1206-SMT Datasheet
663Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/07/2020
logo
CUI Devices
CD-1206-SMT CUID-CD-1206-SMT Datasheet
635Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CD-1206-SMT CUI-CD-1206-SMT_V01 Datasheet
663Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/07/2020
More results


Similar Description - CD-130-4N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CD-920-4 MACOM-CD-920-4 Datasheet
73Kb / 2P
   20 dB Bi-directional Coupler 2 - 32 MHz
CH-138 MACOM-CH-138 Datasheet
128Kb / 2P
   11 dB Bi-directional Coupler 10 - 500 MHz
logo
M/A-COM Technology Solu...
CH-138 MA-COM-CH-138 Datasheet
61Kb / 2P
   11 dB, Bi-Directional Coupler, 10 - 500 MHz
logo
Tyco Electronics
CH35-0009-S MACOM-CH35-0009-S Datasheet
15Kb / 1P
   11 dB Directional Coupler 10 - 500 MHz
CH20-0059-S MACOM-CH20-0059-S Datasheet
18Kb / 1P
   11 dB Directional Coupler 500 - 1000 MHz
CH-CHS-137 MACOM-CH-CHS-137 Datasheet
155Kb / 2P
   19.5 dB Bi-Directional Coupler 0.5 - 400 MHz
logo
Mini-Circuits
ZX30-20-462HP MINI-ZX30-20-462HP Datasheet
279Kb / 2P
   20 dB Bi-Directional Coupler
logo
Tyco Electronics
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
   11 dB Directional Coupler 30 - 1000 MHz
logo
Mini-Circuits
ZX30-20-462HP++ MINI-ZX30-20-462HP+ Datasheet
214Kb / 1P
   20 dB Bi-Directional Coupler
logo
M/A-COM Technology Solu...
CH-132 MA-COM-CH-132 Datasheet
63Kb / 2P
   20 dB, Bi-Directional Coupler
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com