Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BWS-60-40-LA Datasheet (PDF) - Bruckewell Technology LTD

BWS-60-40-LA Datasheet PDF - Bruckewell Technology LTD
Part # BWS-60-40-LA
Download  BWS-60-40-LA Download

File Size   300.9 Kbytes
Page   1 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 60mil 40V Low VF

BWS-60-40-LA Datasheet (PDF)

Go To PDF Page Download Datasheet
BWS-60-40-LA Datasheet PDF - Bruckewell Technology LTD

Part # BWS-60-40-LA
Download  BWS-60-40-LA Click to download

File Size   300.9 Kbytes
Page   1 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 60mil 40V Low VF

BWS-60-40-LA Datasheet (HTML) - Bruckewell Technology LTD

BWS-60-40-LA Datasheet HTML 1Page - Bruckewell Technology LTD



Similar Part No. - BWS-60-40-LA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BWS-60-40-SA BWTECH-BWS-60-40-SA Datasheet
294Kb / 1P
   60mil 40V Standard VF
More results


Similar Description - BWS-60-40-LA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BWS-60-40-SA BWTECH-BWS-60-40-SA Datasheet
294Kb / 1P
   60mil 40V Standard VF
logo
Diodes Incorporated
ZHCS350 DIODES-ZHCS350 Datasheet
94Kb / 5P
   SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
logo
Zetex Semiconductors
ZHCS350 ZETEX-ZHCS350 Datasheet
85Kb / 5P
   SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
SCS157V SECOS-SCS157V Datasheet
706Kb / 2P
   0.35Amp 40V Low Vf Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
PSL24-N PACELEADER-PSL24-N Datasheet
415Kb / 4P
   1.5A LOW VF SCHOTTKY BARRIER RECTIFIERS - 40V
logo
Bruckewell Technology L...
BWS-65-40-SA BWTECH-BWS-65-40-SA Datasheet
296Kb / 1P
   65mil 40V Standard VF
logo
PACELEADER INDUSTRIAL
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
SM34A PACELEADER-SM34A Datasheet
1,011Kb / 5P
   3A Low VF Schottkty Barrier Rectifiers 40V~200V
logo
Nexperia B.V. All right...
PMEG4050EP NEXPERIA-PMEG4050EP Datasheet
258Kb / 12P
   40V, 5 A low VF Schottky barrier rectifier
20 February 2023
logo
Frontier Electronics.
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
   1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com