Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9007IUKZ Datasheet (PDF) - Intersil Corporation

ISL9007IUKZ Datasheet PDF - Intersil Corporation
Part # ISL9007IUKZ
Download  ISL9007IUKZ Download

File Size   284.77 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Current LDO with Low IQ and High PSRR

ISL9007IUKZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9007IUKZ Datasheet PDF - Intersil Corporation

Part # ISL9007IUKZ
Download  ISL9007IUKZ Click to download

File Size   284.77 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Current LDO with Low IQ and High PSRR

ISL9007IUKZ Datasheet (HTML) - Intersil Corporation

ISL9007IUKZ Datasheet HTML 1Page - Intersil Corporation ISL9007IUKZ Datasheet HTML 2Page - Intersil Corporation ISL9007IUKZ Datasheet HTML 3Page - Intersil Corporation ISL9007IUKZ Datasheet HTML 4Page - Intersil Corporation ISL9007IUKZ Datasheet HTML 5Page - Intersil Corporation ISL9007IUKZ Datasheet HTML 6Page - Intersil Corporation ISL9007IUKZ Datasheet HTML 7Page - Intersil Corporation ISL9007IUKZ Datasheet HTML 8Page - Intersil Corporation ISL9007IUKZ Datasheet HTML 9Page - Intersil Corporation

ISL9007IUKZ Product details

ISL9007 is a high performance LDO that delivers a continuous
400mA of load current. It has a low standby current and
high PSRR and is stable with output capacitance of 1µF to
10µF with an ESR of up to 200mΩ.
The ISL9007 has a very high PSRR of 75dB and output noise
less than 30µVRMS. When coupled with a no load quiescent
current of 50µA (typical), and 1µA (max) shutdown current, the
ISL9007 is an ideal choice for portable wireless equipment.
The ISL9007 comes in fixed voltage options of 3.3V, 2.85V,
2.8V, and 2.5V with ±1.8% output voltage accuracy
over-temperature, line and load. Other output voltage options
may be available upon request.

Features
• High performance LDO with 400mA continuous output
• Excellent transient response to large current steps
• Excellent load regulation: <0.1% voltage change across full
range of load current
• Very high PSRR: 75dB @ 1kHz
• Wide input voltage capability: 2.3V to 6.5V
• Very low quiescent current: 50µA
• Low dropout voltage: typically 200mV @ 400mA
• Low output noise: typically 30µVRMS @ 100µA (2.5V)
• Stable with 1µF to 10µF ceramic capacitors
• Shutdown pin turns off LDO for 1µA (max) standby current
• Soft-start to limit input current surge during enable
• Current limit and overheat protection
• ±1.8% accuracy over all operating conditions
• 8 Ld MSOP package
• -40°C to +85°C operating temperature range
• Pb-free (RoHS compliant)

Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Handheld Devices, including Medical Handhelds




Similar Part No. - ISL9007IUKZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9007IUKZ INTERSIL-ISL9007IUKZ Datasheet
257Kb / 8P
   High Current LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9007IUKZ RENESAS-ISL9007IUKZ Datasheet
503Kb / 9P
   High Current LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9007IUKZ-T INTERSIL-ISL9007IUKZ-T Datasheet
257Kb / 8P
   High Current LDO with Low IQ and High PSRR
More results


Similar Description - ISL9007IUKZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9007 RENESAS-ISL9007 Datasheet
503Kb / 9P
   High Current LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9007 INTERSIL-ISL9007 Datasheet
257Kb / 8P
   High Current LDO with Low IQ and High PSRR
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com