Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9016IRUMKZ-T Datasheet (PDF) - Intersil Corporation

ISL9016IRUMKZ-T Datasheet PDF - Intersil Corporation
Part # ISL9016IRUMKZ-T
Download  ISL9016IRUMKZ-T Download

File Size   464.93 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 150mA Dual LDO with Low Noise, High PSRR, and Low IQ

ISL9016IRUMKZ-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9016IRUMKZ-T Datasheet PDF - Intersil Corporation

Part # ISL9016IRUMKZ-T
Download  ISL9016IRUMKZ-T Click to download

File Size   464.93 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 150mA Dual LDO with Low Noise, High PSRR, and Low IQ

ISL9016IRUMKZ-T Datasheet (HTML) - Intersil Corporation

Back Button ISL9016IRUMKZ-T Datasheet HTML 1Page - Intersil Corporation ISL9016IRUMKZ-T Datasheet HTML 2Page - Intersil Corporation ISL9016IRUMKZ-T Datasheet HTML 3Page - Intersil Corporation ISL9016IRUMKZ-T Datasheet HTML 4Page - Intersil Corporation ISL9016IRUMKZ-T Datasheet HTML 5Page - Intersil Corporation ISL9016IRUMKZ-T Datasheet HTML 6Page - Intersil Corporation ISL9016IRUMKZ-T Datasheet HTML 7Page - Intersil Corporation ISL9016IRUMKZ-T Datasheet HTML 8Page - Intersil Corporation ISL9016IRUMKZ-T Datasheet HTML 9Page - Intersil Corporation ISL9016IRUMKZ-T Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL9016IRUMKZ-T Product details

ISL9016 is a high performance dual LDO capable of providing
up to 150mA current on each channel. It features a low standby
current and very high PSRR and is stable with output
capacitance of 1µF to 4.7µF with an ESR of up to 200mΩ.
The device integrates a separate enable function for each
output. The quiescent current is typically 49µA when only one
LDO is enabled and typically 80µA when both LDOs are
enabled. When both LDOs are under shutdown condition, the
drawing current is typically less than 1µA.
ISL9016 provides a wide input voltage range from 1.8V to
6.5V. It also has a high PSRR of 80dB at 1kHz and 45dB at
1MHz. ISL9016 also provides output current limit, overheat
protection, reverse current protection, as well as excellent load
transient response.
ISL9016 is offered in a tiny 1.6mmx1.6mm 6 Ld µTDFN
package. Output voltage options are available from 1.2V to
3.3V. Several combinations of voltage outputs are standard
and others may be available upon request.

Features
• Dual Integrated 150mA High Performance LDOs
• High PSRR: 80dB @ 1kHz and 45dB @ 1MHz
• Reverse Current Protection
• Low Quiescent Current
- 49µA (Single LDO Enabled)/80µA (Dual LDOs Enabled)
• Excellent Load Transient Response
• Typically ±0.8% Output Voltage Accuracy
• Low Output Noise: Typically 25µVRMS
• Wide Input Voltage Capability: 1.8V to 6.5V
• Low Dropout Voltage: Typically 120mV @ 150mA
• Separate Enable Control for each LDO
• Stable with 1µF to 4.7µF Ceramic Output Capacitors
• Soft-start to Limit Input Current Surge During Enable
• Current Limit and Overheat Protection
• Tiny 6 Ld 1.6mmx1.6mm µTDFN package
• Pb-free (RoHS Compliant)

Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3/4 Players, PMP, DSC
• Handheld Devices including Medical Handhelds




Similar Part No. - ISL9016IRUMKZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9016IRUMKZ-T INTERSIL-ISL9016IRUMKZ-T Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9016IRUMKZ-T RENESAS-ISL9016IRUMKZ-T Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
More results


Similar Description - ISL9016IRUMKZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Intersil Corporation
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com