Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9021AIICZ-EVZ Datasheet (PDF) - Intersil Corporation

ISL9021AIICZ-EVZ Datasheet PDF - Intersil Corporation
Part # ISL9021AIICZ-EVZ
Download  ISL9021AIICZ-EVZ Download

File Size   325.5 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250mA Single LDO with Low IQ, Low Noise and High PSRR LDO

ISL9021AIICZ-EVZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9021AIICZ-EVZ Datasheet PDF - Intersil Corporation

Part # ISL9021AIICZ-EVZ
Download  ISL9021AIICZ-EVZ Click to download

File Size   325.5 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250mA Single LDO with Low IQ, Low Noise and High PSRR LDO

ISL9021AIICZ-EVZ Datasheet (HTML) - Intersil Corporation

Back Button ISL9021AIICZ-EVZ Datasheet HTML 1Page - Intersil Corporation ISL9021AIICZ-EVZ Datasheet HTML 2Page - Intersil Corporation ISL9021AIICZ-EVZ Datasheet HTML 3Page - Intersil Corporation ISL9021AIICZ-EVZ Datasheet HTML 4Page - Intersil Corporation ISL9021AIICZ-EVZ Datasheet HTML 5Page - Intersil Corporation ISL9021AIICZ-EVZ Datasheet HTML 6Page - Intersil Corporation ISL9021AIICZ-EVZ Datasheet HTML 7Page - Intersil Corporation ISL9021AIICZ-EVZ Datasheet HTML 8Page - Intersil Corporation ISL9021AIICZ-EVZ Datasheet HTML 9Page - Intersil Corporation ISL9021AIICZ-EVZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL9021AIICZ-EVZ Product details

The ISL9021A is a single LDO, which provides high
performance, low input voltage and high PSRR. It delivers
guaranteed continuous 250mA load current and is stable with
1µF to 4.7µF of output capacitance (±30%) with an ESR range
of 5mΩ to 400mΩ.
The input voltage range for the ISL9021A is between 1.5V to
5.5V and the output voltage comes in many fixed voltage
options with ±1.8% accuracy over-temperature, line and load
ranges. The ISL9021A has typical PSRR of 75dB @ 10kHz and
50dB @ 1MHz.
The reverse current protection feature prevents current from
flowing back to the power source when the output voltage is
pulled higher than the input.
The ISL9021A is offered in tiny 4-bump 0.975mmx1.155mm
WLCSP and 1.6mmx1.6mm 6 Ld µTDFN packages.

Features
• High performance LDO with 250mA guaranteed continuous
output current
• Input voltage range: 1.5V to 5.5V
• Output voltage range: 1.2V to 3.3V
• High PSRR: 75dB @ 10kHz, 50dB @ 1MHz
• Low quiescent current: 35µA
• Dropout voltage: <150mV @ 250mA
• Stable with 1µF to 4.7µF output capacitance (±30%) with an
ESR range of 5mΩ to 400mΩ
• ±1.8% output accuracy over-temperature/load/line
• Soft-start limits input current surge during enable
• Current limit and overheat protection
• -40°C to +85°C operating temperature range
• Available in 0.975mmx1.155mm 4-bump WLCSP package
and 1.6mmx1.6mm 6 Ld µTDFN
• Pb-free (RoHS compliant)

Applications
• PDAs, cell phones and smart phones
• Portable instruments, MP3 players
• Handheld devices including medical handheld




Similar Part No. - ISL9021AIICZ-EVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9021AIICZ-EVZ RENESAS-ISL9021AIICZ-EVZ Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results


Similar Description - ISL9021AIICZ-EVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021 INTERSIL-ISL9021 Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com