Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9307IRTAANFEV1Z Datasheet (PDF) - Intersil Corporation

ISL9307IRTAANFEV1Z Datasheet PDF - Intersil Corporation
Part # ISL9307IRTAANFEV1Z
Download  ISL9307IRTAANFEV1Z Download

File Size   378.34 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs

ISL9307IRTAANFEV1Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9307IRTAANFEV1Z Datasheet PDF - Intersil Corporation

Part # ISL9307IRTAANFEV1Z
Download  ISL9307IRTAANFEV1Z Click to download

File Size   378.34 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs

ISL9307IRTAANFEV1Z Datasheet (HTML) - Intersil Corporation

Back Button ISL9307IRTAANFEV1Z Datasheet HTML 1Page - Intersil Corporation ISL9307IRTAANFEV1Z Datasheet HTML 2Page - Intersil Corporation ISL9307IRTAANFEV1Z Datasheet HTML 3Page - Intersil Corporation ISL9307IRTAANFEV1Z Datasheet HTML 4Page - Intersil Corporation ISL9307IRTAANFEV1Z Datasheet HTML 5Page - Intersil Corporation ISL9307IRTAANFEV1Z Datasheet HTML 6Page - Intersil Corporation ISL9307IRTAANFEV1Z Datasheet HTML 7Page - Intersil Corporation ISL9307IRTAANFEV1Z Datasheet HTML 8Page - Intersil Corporation ISL9307IRTAANFEV1Z Datasheet HTML 9Page - Intersil Corporation ISL9307IRTAANFEV1Z Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL9307IRTAANFEV1Z Product details

The ISL9307 is an integrated mini Power Management IC
(mini-PMIC) ideal for applications for powering low-voltage
microprocessor or multiple voltage rails with a battery as an
input source, such as a single Li-ion or Li-polymer. ISL9307
integrates two high-efficiency, 3MHz, synchronous step-down
converters (DCD1 and DCD2) and two low-input, low-dropout
linear regulators (LDO1 and LDO2).
The 3MHz PWM switching frequency allows the use of very
small external inductors and capacitors. Both step-down
converters can enter skip mode under light load conditions to
further improve efficiency and maximize battery life.
The ISL9307 features EN pins for each channel, thus allowing
startup delay for power sequencing.
The ISL9307 also provides two 300mA low-dropout (LDO)
regulators. The input voltage range is 1.5V to 5.5V, which
allows them to be powered from one of the on-chip step-down
converters or directly from a battery. The default LDO power-up
output comes with factory pre-set fixed output voltage options
between 0.9V and 3.3V.
The ISL9307 is available in a 4mmx4mm 16 Ld TQFN.

Features
• Dual 1500mA, Synchronous Step-down Converters and Dual
300mA, General-purpose LDOs
• Input Voltage Range
- DCD1/DCD2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5V to 5.5V
- VINLDO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 5.5V
• Adjustable Output Voltage
- VODCD1/VODCD2 . . . . . . . . . . . . . . . . . . . . . . . . 0.8V to VIN
• 50μA IQ (Typ) with DCD1/DCD2 in Skip Mode; 20μA IQ (Typ)
for each Enabled LDO
• EN Pins for DCD1/DCD2 and LDO1/LDO2
• Small, Thin, 4mmx4mm TQFN

Applications
• Cellular Phones, Smart Phones
• PDAs, Portable Media Players, Portable Instruments
• Single Li-ion/Li-polymer Battery-Powered Equipment
• DSP Core Power




Similar Part No. - ISL9307IRTAANFEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307IRTAANFEV1Z RENESAS-ISL9307IRTAANFEV1Z Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
More results


Similar Description - ISL9307IRTAANFEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com