Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L12810-1 Datasheet (PDF) - Macronix International

MX23L12810-1 Datasheet PDF - Macronix International
Part # MX23L12810-1
Download  MX23L12810-1 Download

File Size   589.01 Kbytes
Page   8 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM FOR TSOP PACKAGE

MX23L12810-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX23L12810-1 Datasheet PDF - Macronix International

Part # MX23L12810-1
Download  MX23L12810-1 Click to download

File Size   589.01 Kbytes
Page   8 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM FOR TSOP PACKAGE

MX23L12810-1 Datasheet (HTML) - Macronix International

MX23L12810-1 Datasheet HTML 1Page - Macronix International MX23L12810-1 Datasheet HTML 2Page - Macronix International MX23L12810-1 Datasheet HTML 3Page - Macronix International MX23L12810-1 Datasheet HTML 4Page - Macronix International MX23L12810-1 Datasheet HTML 5Page - Macronix International MX23L12810-1 Datasheet HTML 6Page - Macronix International MX23L12810-1 Datasheet HTML 7Page - Macronix International MX23L12810-1 Datasheet HTML 8Page - Macronix International

MX23L12810-1 Product details

FEATURES
• Bit organization
    - 16M x 8 (byte mode)
    - 8M x 16 (word mode)
• Fast access time
    - Random access: 100ns (max.)
• Current
    - Operating:30mA
    - Standby:15uA(max.)
• Supply voltage
    - 2.7V~3.6V for 120ns
    - 3.0V~3.6V for 100ns
• Package
    - 48 pin TSOP (12mm x 20mm)
    - 48 pin TSOP reverse type
• Temperature
    - 0 ~ 70°C




Similar Part No. - MX23L12810-1

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L12810 MCNIX-MX23L12810 Datasheet
178Kb / 6P
   128M-BIT (8M x 16) MASK ROM (SOP ONLY)
MX23L12810A MCNIX-MX23L12810A Datasheet
179Kb / 6P
   128M-BIT PAGE MODE MASK ROM (SOP)
MX23L12810AMC-10G MCNIX-MX23L12810AMC-10G Datasheet
179Kb / 6P
   128M-BIT PAGE MODE MASK ROM (SOP)
MX23L12810AMC-12G MCNIX-MX23L12810AMC-12G Datasheet
179Kb / 6P
   128M-BIT PAGE MODE MASK ROM (SOP)
MX23L12810MC-10 MCNIX-MX23L12810MC-10 Datasheet
178Kb / 6P
   128M-BIT (8M x 16) MASK ROM (SOP ONLY)
More results


Similar Description - MX23L12810-1

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L12811-1 MCNIX-MX23L12811-1 Datasheet
590Kb / 8P
   NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM WITH PAGE MODE(TSOP PACKAGE)
logo
AMIC Technology
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L12810 MCNIX-MX23L12810 Datasheet
178Kb / 6P
   128M-BIT (8M x 16) MASK ROM (SOP ONLY)
logo
AMIC Technology
A23L36166 AMICC-A23L36166 Datasheet
190Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L12822 MCNIX-MX23L12822 Datasheet
41Kb / 7P
   128M-BIT (8M x 16 / 4M x 32) MASK ROM WITH PAGE MODE
MX23L12811 MCNIX-MX23L12811 Datasheet
180Kb / 6P
   128M-BIT (8M x 16) MASK ROM WITH PAGE MODE(SOP ONLY)
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com