Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1534IRZ Datasheet (PDF) - Intersil Corporation

ISL1534IRZ Datasheet PDF - Intersil Corporation
Part # ISL1534IRZ
Download  ISL1534IRZ Download

File Size   94.58 Kbytes
Page   1 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel Fixed Gain Differential DSL Line Driver

ISL1534IRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL1534IRZ Datasheet PDF - Intersil Corporation

Part # ISL1534IRZ
Download  ISL1534IRZ Click to download

File Size   94.58 Kbytes
Page   1 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel Fixed Gain Differential DSL Line Driver

ISL1534IRZ Datasheet (HTML) - Intersil Corporation

ISL1534IRZ Datasheet HTML 1Page - Intersil Corporation

ISL1534IRZ Product details

The ISL1534 is a dual channel differential amplifier designed
for driving full rate ADSL2+ signals at very low power
dissipation. The high drive capability of 450mA makes this
driver ideal for DMT designs. It contains two pairs of
wideband, high-voltage, current mode feedback amplifiers
designed on Intersil’s HS30 Bipolar SOI process for low
power consumption in DSL systems. The amplifiers have an
internal fixed gain, which helps eliminate both feedback and
gain resistors reducing board size and cost.
These drivers consuming typically 4mA per DSL channel of
total supply current at 1/2 IS mode. This supply current can
be set using a resistor on the IADJ pin. Two other pins (C0
and C1) can also be used to adjust supply current to one of
four pre-set modes (full IS, 3/4 IS, 1/2 IS, and full powerdown). C0 and C1 inputs are design to pull high initially.
Floating these inputs will put the device in disable mode.
This is contrary to EL1528 where C0 and C1 inputs pull low
initially and is in the enable state when C0 and C1 pins are
floated.
The device is supplied in a thermally-enhanced small
footprint (4mmx5mm) 24 Ld QFN and a 20 Ld HTSSOP
packages. The ISL1534 is specified for operation over the
full -40°C to +85°C temperature range.
The ISL1534 provides larger output swing at heavy loads,
higher slew rate, and higher bandwidth while maintaining
pin-to-pin drop-in compatibility with the ISL1532A. The
ISL1534 integrates 50k pull-up resistors on C0 and C1 pins.

Features
• 450mA output drive capability
• 44.4VP-P differential output drive into 100Ω
• ±5V to ±15V supply operation
• Internal fixed gain and biasing network
• Reduces BOM by 7 resistors and 1 capacitor per channel
• Low differential input offset
• Channel separation
- 80dB @ 500kHz
- 75dB @ 1MHz
• Direct pin-to-pin replacement for ISL1532A
• Pb-free (RoHS compliant)

Applications
• Dual channel ADSL2+ line drivers
• SHDSL line drivers




Similar Part No. - ISL1534IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
48Kb / 2P
   Dual Channel Fixed Gain Differential DSL Line Driver
ISL1534IRZ-T13 INTERSIL-ISL1534IRZ-T13 Datasheet
48Kb / 2P
   Dual Channel Fixed Gain Differential DSL Line Driver
More results


Similar Description - ISL1534IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1534 INTERSIL-ISL1534 Datasheet
48Kb / 2P
   Dual Channel Fixed Gain Differential DSL Line Driver
ISL1532A INTERSIL-ISL1532A Datasheet
59Kb / 2P
   Dual Channel Fixed Gain Differential DSL Line Driver
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com