Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28130CEZ-T7A Datasheet (PDF) - Intersil Corporation

ISL28130CEZ-T7A Datasheet PDF - Intersil Corporation
Part # ISL28130CEZ-T7A
Download  ISL28130CEZ-T7A Download

File Size   864.72 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers

ISL28130CEZ-T7A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28130CEZ-T7A Datasheet PDF - Intersil Corporation

Part # ISL28130CEZ-T7A
Download  ISL28130CEZ-T7A Click to download

File Size   864.72 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers

ISL28130CEZ-T7A Datasheet (HTML) - Intersil Corporation

Back Button ISL28130CEZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL28130CEZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL28130CEZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL28130CEZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL28130CEZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL28130CEZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL28130CEZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28130CEZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28130CEZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL28130CEZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL28130CEZ-T7A Product details

The ISL28130, ISL28230 and ISL28430 are single, dual and
quad micropower, low offset drift operational amplifiers that
are optimized for single and dual supply operation from 1.8V
to 5.5V and ±0.9V to ±2.75V. Their low supply current of 20µA
and rail-to-rail input/output enable the ISL28130, ISL28230,
and ISL28430 to be an excellent general-purpose op amp for a
range of applications. The ISL28130, ISL28230 and ISL28430
are ideal for handheld devices that operate off 2AA or single
Li-ion batteries.
The ISL28130 is available in industry standard pinouts for 5 Ld
SOT-23, 5 Ld SC70 and 8 Ld SOIC packages. The ISL28230 is
available in industry standard pinouts for 8 Ld MSOP, 8 Ld
SOIC and 8 Ld DFN packages. The ISL28430 is available in
14 Ld TSSOP and 14 Ld SOIC packages. Commercial devices
operate over the temperature range of 0°C to 70°C. Full
temperature range devices operate over the temperature
range of -40°C to 125°C.

Features
• Low input offset voltage . . . . . . . . . . . . . . . . . . . . . 40µV, Max.
• Low offset drift . . . . . . . . . . . . . . . . . . . . . . . . .150nV/°C, Max.
• Input bias current. . . . . . . . . . . . . . . . . . . . . . . . . .250pA, Max.
• Quiescent current (per amplifier). . . . . . . . . . . . . . .20µA, Typ.
• Single supply range . . . . . . . . . . . . . . . . . . . . . .+1.8V to +5.5V
• Dual supply range . . . . . . . . . . . . . . . . . . . . . .±0.9V to ±2.75V
• Low noise (0.01Hz to 10Hz) . . . . . . . . . . . . . . . . 1.1µVP-P, Typ.
• Rail-to-rail inputs and output

Applications
• Bi-directional current sense
• Temperature measurement
• Medical equipment
• Electronic weigh scales
• Precision/strain gauge sensor
• Precision regulation
• Low Ohmic current sense
• High gain analog front ends




Similar Part No. - ISL28130CEZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28130CEZ-T7A INTERSIL-ISL28130CEZ-T7A Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130CEZ-T7A INTERSIL-ISL28130CEZ-T7A Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130CEZ-T7A RENESAS-ISL28130CEZ-T7A Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Similar Description - ISL28130CEZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com