Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59913IRZ-T7 Datasheet (PDF) - Intersil Corporation

ISL59913IRZ-T7 Datasheet PDF - Intersil Corporation
Part # ISL59913IRZ-T7
Download  ISL59913IRZ-T7 Download

File Size   485.2 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Differential Receiver/Equalizer

ISL59913IRZ-T7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL59913IRZ-T7 Datasheet PDF - Intersil Corporation

Part # ISL59913IRZ-T7
Download  ISL59913IRZ-T7 Click to download

File Size   485.2 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Differential Receiver/Equalizer

ISL59913IRZ-T7 Datasheet (HTML) - Intersil Corporation

Back Button ISL59913IRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL59913IRZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59913IRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59913IRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59913IRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59913IRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59913IRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59913IRZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59913IRZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL59913IRZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL59913IRZ-T7 Product details

The ISL59910 and ISL59913 are triple channel differential
receivers and equalizers. They each contain three high speed
differential receivers with five programmable poles. The
outputs of these pole blocks are then summed into an output
buffer. The equalization length is set with the voltage on a
single pin. The ISL59910 and ISL59913 output can also be
put into a high impedance state, enabling multiple devices to
be connected in parallel and used in multiplexing application.
The gain can be adjusted up or down on each channel by 6dB
using its VGAIN control signal. In addition, a further 6dB of gain
can be switched in to provide a matched drive into a cable.
The ISL59910 and ISL59913 have a bandwidth of 150MHz
and consume just 108mA on ±5V supply. A single input
voltage is used to set the compensation levels for the
required length of cable.
The ISL59910 is a special version of the ISL59913 that
decodes syncs encoded onto the common modes of three
pairs of CAT-5 cable by the EL4543. (Refer to the EL4543
datasheet for details.)
The ISL59910 and ISL59913 are available in a 28 Ld QFN
package and are specified for operation over the full -40°C to
+85°C temperature range.

Features
• 150MHz -3dB bandwidth
• CAT-5 compensation
- 100MHz @ 600 ft
- 135MHz @ 300 ft
• 108mA supply current
• Differential input range 3.2V
• Common mode input range -4V to +3.5V
• ±5V supply
• Output to within 1.5V of supplies
• Available in 28 Ld QFN package
• Pb-free plus anneal available (RoHS compliant)

Applications
• Twisted-pair receiving/equalizer
• KVM (Keyboard/Video/Mouse)
• VGA over twisted-pair
• Security video




Similar Part No. - ISL59913IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59913IRZ-T7 INTERSIL-ISL59913IRZ-T7 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
ISL59913IRZ-T7 RENESAS-ISL59913IRZ-T7 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
More results


Similar Description - ISL59913IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
233Kb / 8P
   Differential Receiver/Equalizer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com