Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21070CIH325Z-TK Datasheet (PDF) - Intersil Corporation

ISL21070CIH325Z-TK Datasheet PDF - Intersil Corporation
Part # ISL21070CIH325Z-TK
Download  ISL21070CIH325Z-TK Download

File Size   512.79 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 25µA Micropower Voltage References

ISL21070CIH325Z-TK Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21070CIH325Z-TK Datasheet PDF - Intersil Corporation

Part # ISL21070CIH325Z-TK
Download  ISL21070CIH325Z-TK Click to download

File Size   512.79 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 25µA Micropower Voltage References

ISL21070CIH325Z-TK Datasheet (HTML) - Intersil Corporation

Back Button ISL21070CIH325Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL21070CIH325Z-TK Product details

The ISL21070 voltage references are analog voltage
references featuring low supply voltage operation at ultra-low
25µA max operating current.
Additionally, the ISL21070 family features guaranteed initial
accuracy as low as ±0.2% and 30ppm/°C temperature
coefficient.
These references are ideal for general purpose applications for
performance at lower cost. The ISL21070 is provided in an
industry standard 3 Ld SOT-23 pinout.
The ISL21070 offers output voltages that can be used as
precision voltage sources for control loops, standby voltages
for low power states for DSP, FPGA, Data path Controllers,
Microcontrollers and other core voltages: 0.600V, 2.048V, and
2.5V

Features
• Reference output voltage . . . . . . . . . 0.600V, 2.048V, 2.500V
• Initial accuracy: 0.600V. . . . . . . . . . . . . . . . . . . . . . . . . . ±1.0%
• Initial accuracy: 2.048V. . . . . . . . . . . . . . . . . . . . . . . . .±0.25%
• Initial accuracy: 2.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . ..±0.2%
• Input voltage range
- ISL21070-06 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
- ISL21070-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
- ISL21070-25. . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
• Output voltage noise . . . . . . . . . . . . . 30µVP-P (0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25µA (max)
• Tempco (0.600V only) . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Tempco (all others) . . . . . . . . . . . . . . . . . . . . . . . . . 30ppm/°C
• Output current capability . . . . . . . . . . . . . . . . . . . . . . . ±10mA
• Operating temperature range. . . . . . . . . . . . . -40°C to +85°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-Free (RoHS compliant)

Applications
• Battery management/monitoring
• Low power standby voltages
• Portable instrumentation
• Consumer/medical electronics
• Wearable Electronics
• Lower Cost industrial and instrumentation
• Power regulation circuits
• Control loops and compensation networks
• LED/diode supply




Similar Part No. - ISL21070CIH325Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
485Kb / 12P
   25關A Micropower Voltage References
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Renesas Technology Corp
ISL21070CIH325Z-TK RENESAS-ISL21070CIH325Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
More results


Similar Description - ISL21070CIH325Z-TK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com