Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21010CFH341Z-TK Datasheet (PDF) - Intersil Corporation

ISL21010CFH341Z-TK Datasheet PDF - Intersil Corporation
Part # ISL21010CFH341Z-TK
Download  ISL21010CFH341Z-TK Download

File Size   2646.09 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Micropower Voltage Reference

ISL21010CFH341Z-TK Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21010CFH341Z-TK Datasheet PDF - Intersil Corporation

Part # ISL21010CFH341Z-TK
Download  ISL21010CFH341Z-TK Click to download

File Size   2646.09 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Micropower Voltage Reference

ISL21010CFH341Z-TK Datasheet (HTML) - Intersil Corporation

Back Button ISL21010CFH341Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21010CFH341Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21010CFH341Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21010CFH341Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21010CFH341Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21010CFH341Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21010CFH341Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21010CFH341Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21010CFH341Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21010CFH341Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL21010CFH341Z-TK Product details

The ISL21010 is a precision, low dropout micropower bandgap
voltage reference in a space-saving SOT-23 package. It
operates from a single 2.2V to 5.5V supply (minimum voltage
is dependent on voltage option) and provides a ±0.2%
accurate reference. The ISL21010 provides up to 25mA output
current sourcing with low 150mV dropout voltage.
Output voltage options include 1.024V, 1.2V, 1.5V, 2.048V,
2.5V, 3.0V, 3.3V and 4.096V. The low supply current and low
dropout voltage combined with high accuracy make the
ISL21010 ideal for precision battery powered applications.

Features
• Reference output voltages . . . . . . . . . . . 1.024V, 1.25V, 1.5V,
2.048V, 2.5V, 3.0V, 3.3V, 4.096V
• Precision 0.2% initial accuracy
• Input voltage range:
- ISL21010-10, -12, -15 -20 . . . . . . . . . . . . . . . . 2.2V to 5.5V
- ISL21010-25 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.6V to 5.5V
- ISL21010-30. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1V to 5.5V
- ISL21010-33. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.4V to 5.5V
- ISL21010-41. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2V to 5.5V
• Output current source capability . . . . . . . . . . . . . . . . . . 25mA
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C
• Output voltage noise (VOUT = 2.048V). . . . . . . . . . . . . .58µVP-P
(0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48µA (typ)
• Tempco . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-free (RoHS compliant)

Applications
• Battery management/monitoring
• Low power standby voltages
• Portable instrumentation
• Consumer/medical electronics
• Lower cost industrial and instrumentation
• Power regulation circuits
• Control loops and compensation networks
• LED/diode supply




Similar Part No. - ISL21010CFH341Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21010CFH341Z-TK INTERSIL-ISL21010CFH341Z-TK Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Renesas Technology Corp
ISL21010CFH341Z-TK RENESAS-ISL21010CFH341Z-TK Datasheet
3Mb / 37P
   Micropower Voltage Reference
More results


Similar Description - ISL21010CFH341Z-TK

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com