Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78233ARZ Datasheet (PDF) - Intersil Corporation

ISL78233ARZ Datasheet PDF - Intersil Corporation
Part # ISL78233ARZ
Download  ISL78233ARZ Download

File Size   994.3 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3A and 4A Compact Synchronous Buck Regulators

ISL78233ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78233ARZ Datasheet PDF - Intersil Corporation

Part # ISL78233ARZ
Download  ISL78233ARZ Click to download

File Size   994.3 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3A and 4A Compact Synchronous Buck Regulators

ISL78233ARZ Datasheet (HTML) - Intersil Corporation

Back Button ISL78233ARZ Datasheet HTML 1Page - Intersil Corporation ISL78233ARZ Datasheet HTML 2Page - Intersil Corporation ISL78233ARZ Datasheet HTML 3Page - Intersil Corporation ISL78233ARZ Datasheet HTML 4Page - Intersil Corporation ISL78233ARZ Datasheet HTML 5Page - Intersil Corporation ISL78233ARZ Datasheet HTML 6Page - Intersil Corporation ISL78233ARZ Datasheet HTML 7Page - Intersil Corporation ISL78233ARZ Datasheet HTML 8Page - Intersil Corporation ISL78233ARZ Datasheet HTML 9Page - Intersil Corporation ISL78233ARZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL78233ARZ Product details

The ISL78233, ISL78234 are highly efficient, monolithic,
synchronous step-down DC/DC converters that can deliver 3A
(ISL78233), or 4A (ISL78234) of continuous output current from
a 2.7V to 5.5V input supply. The devices use current mode control
architecture to deliver a very low duty cycle operation at high
frequency with fast transient response and excellent loop stability.
The ISL78233, ISL78234 integrate a very low ON-resistance
P-Channel (35mΩ) high-side FET and N-Channel (11mΩ)
low-side FET to maximize efficiency and minimize external
component count. The 100% duty-cycle operation allows less
than 200mV dropout voltage at 4A output current. The
operation frequency of the Pulse Width Modulator (PWM) is
adjustable from 500kHz to 4MHz. The default switching
frequency of 2MHz is set by connecting the FS pin high.
The ISL78233, ISL78234 can be configured for discontinuous
or forced continuous operation at light load. Forced continuous
operation reduces noise and RF interference, while
discontinuous mode provides higher efficiency by reducing
switching losses at light loads.
Fault protection is provided by internal hiccup mode current
limiting during short circuit and overcurrent conditions. Other
protection, such as overvoltage and over-temperature are also
integrated into the device. A power-good output voltage
monitor indicates when the output is in regulation.
The ISL78233, ISL78234 offers a 1ms Power-good (PG) timer at
power-up. When in shutdown, the ISL78233, ISL78234
discharges the output capacitor through an internal soft-stop
switch. Other features include internal fixed or adjustable
soft-start and internal/external compensation.
The ISL78233, ISL78234 is available in a 3mm x 3mm 16 Ld
Thin Quad Flat Pb-free (TQFN) package with an exposed pad for
improved thermal performance and 1mm maximum height.
The complete converter occupies less than 0.22 in2 area.
The ISL78233, ISL78234 are rated to operate across the
temperature range of -40°C to +125°C.

Features
• 2.7V to 5.5V input voltage range
• Very low ON-resistance FET’s - P-Channel 35mΩ and
N-Channel 11mΩ typical values
• High efficiency synchronous buck regulator with up to 95%
efficiency
• -1.2%/1% reference accuracy over-temperature/load/line
• Complete BOM with as few as 3 external parts
• Internal soft-start - 1ms or adjustable
• Soft-stop output discharge during disable
• Adjustable frequency from 500kHz to 4MHz - default at
2MHz
• External synchronization up to 4MHz
• Over-temperature, overcurrent, overvoltage and negative
overcurrent protection
• Shared common device pinout allows simplified output
power upgrades over time
• Tiny 3mm x 3mm TQFN package
• AEC-Q100 qualified

Applications
• DC/DC POL modules
• μC/µP, FPGA and DSP power
• Video processor/SOC power
• Li-ion battery powered devices
• Automotive infotainment power




Similar Part No. - ISL78233ARZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78233ARZ RENESAS-ISL78233ARZ Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
ISL78233ARZ-T RENESAS-ISL78233ARZ-T Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
ISL78233ARZ-T7A RENESAS-ISL78233ARZ-T7A Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
More results


Similar Description - ISL78233ARZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78233 RENESAS-ISL78233 Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
ISL8002 INTERSIL-ISL8002_13 Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
ISL8026 INTERSIL-ISL8026 Datasheet
969Kb / 23P
   Compact Synchronous Buck Regulators
June 26, 2015
logo
Renesas Technology Corp
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
ISL8023 INTERSIL-ISL8023 Datasheet
628Kb / 19P
   3A/4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1034 AOSMD-AOZ1034 Datasheet
703Kb / 18P
   EZBuck??4A Synchronous Buck Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com