Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL267450IBZ Datasheet (PDF) - Intersil Corporation

ISL267450IBZ Datasheet PDF - Intersil Corporation
Part # ISL267450IBZ
Download  ISL267450IBZ Download

File Size   744.97 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, 1MSPS SAR ADCs

ISL267450IBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL267450IBZ Datasheet PDF - Intersil Corporation

Part # ISL267450IBZ
Download  ISL267450IBZ Click to download

File Size   744.97 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, 1MSPS SAR ADCs

ISL267450IBZ Datasheet (HTML) - Intersil Corporation

Back Button ISL267450IBZ Datasheet HTML 1Page - Intersil Corporation ISL267450IBZ Datasheet HTML 2Page - Intersil Corporation ISL267450IBZ Datasheet HTML 3Page - Intersil Corporation ISL267450IBZ Datasheet HTML 4Page - Intersil Corporation ISL267450IBZ Datasheet HTML 5Page - Intersil Corporation ISL267450IBZ Datasheet HTML 6Page - Intersil Corporation ISL267450IBZ Datasheet HTML 7Page - Intersil Corporation ISL267450IBZ Datasheet HTML 8Page - Intersil Corporation ISL267450IBZ Datasheet HTML 9Page - Intersil Corporation ISL267450IBZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL267450IBZ Product details

The ISL267450 is a 12-bit, 1MSPS sampling SAR-type ADC with
a differential input span of 2*VREF volts. The ISL267450 features
excellent linearity over supply and temperature variations and is
drop-in compatible with the AD7450. The device can operate
from a supply voltage of either 5V or 3V and maintain
measurement accuracy with input signals up to the supply rails.
The serial digital interface is SPI compatible and is easily
interfaced to popular FPGAs and microcontrollers. Power
dissipation is 9.0mW at a sampling rate of 1MSPS, and just 5µW
between conversions utilizing Auto Power-Down mode (with a 3V
supply).
The ISL267450 is available in 8 Ld SOIC or MSOP packages, and
are specified for operation over the Industrial temperature range
(–40°C to +85°C).

Features
• Drop-in Compatible with AD7450
• Differential Input
• Simple SPI-compatible Serial Digital Interface
• Guaranteed No Missing Codes
• 1MHz Sampling Rate
• 3V or 5V Operation
• Low Operating Current
- 1.25mA at 833kSPS with 3V Supplies
- 1.7mA at 1MSPS with 5V Supplies
• Power-down Current between Conversions: 1µA
• Excellent Differential Non-Linearity
• Low THD: -83dB (typ)
• Pb-Free (RoHS Compliant)
• Available in SOIC and MSOP Packages

Applications
• Remote Data Acquisition
• Battery Operated Systems
• Industrial Process Control
• Energy Measurement
• Data Acquisition Systems
• Pressure Sensors
• Flow Controllers




Similar Part No. - ISL267450IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450IBZ RENESAS-ISL267450IBZ Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
More results


Similar Description - ISL267450IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com