Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL2671286IPZ Datasheet (PDF) - Intersil Corporation

ISL2671286IPZ Datasheet PDF - Intersil Corporation
Part # ISL2671286IPZ
Download  ISL2671286IPZ Download

File Size   638.7 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, 20kSPS SAR ADC

ISL2671286IPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL2671286IPZ Datasheet PDF - Intersil Corporation

Part # ISL2671286IPZ
Download  ISL2671286IPZ Click to download

File Size   638.7 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, 20kSPS SAR ADC

ISL2671286IPZ Datasheet (HTML) - Intersil Corporation

Back Button ISL2671286IPZ Datasheet HTML 1Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 2Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 3Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 4Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 5Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 6Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 7Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 8Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 9Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL2671286IPZ Product details

The ISL2671286 is a sampling SAR-type ADC which features
excellent linearity over supply and temperature variations, and
provides a drop-in compatible alternative to all ADS1286
performance grades. The robust high impedance input
minimizes errors due to leakage currents, and specified
measurement accuracy is maintained with input signals up to
the supply rails.
The reference accepts inputs between 1.25V to 5.0V, providing
design flexibility in a wide variety of applications. The
ISL2671286 also features up to 8kV Human Body Model ESD
survivability.
The serial digital interface is SPI compatible and is easily
interfaced to all popular FPGAs and microcontrollers.
Operating from a 5V supply, power dissipation is 1.4mW at a
sampling rate of 20kSPS and just 15µW between conversions
utilizing the Auto Power-Down mode. These features make the
ISL2671286 an excellent solution for remote industrial
sensors and battery-powered instruments.
The ISL2671286 is available in an 8 Ld SOIC package and is
specified for operation over the industrial temperature range
of –40°C to +85°C.

Features
• Drop-In Compatible with ADS1286 (All Performance Grades)
• Simple SPI-compatible Serial Digital Interface
• Guaranteed No Missing Codes
• 20kHz Sampling Rate
• +4.50V to +5.25V Supply
• Low 280µA Operating Current (20kSPS)
• Power-down Current between Conversions: 3µA
• Excellent Differential Non-Linearity (0.75LSB Max)
• Low THD: -83dB (Typ)
• Pb-Free (RoHS Compliant)
• Available in SOIC Package

Applications
• Remote Data Acquisition
• Battery Operated Systems
• Industrial Process Control
• Energy Measurement
• Data Acquisition Systems
• Pressure Sensors
• Flow Controllers




Similar Part No. - ISL2671286IPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2671286IPZ INTERSIL-ISL2671286IPZ Datasheet
641Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Renesas Technology Corp
ISL2671286IPZ RENESAS-ISL2671286IPZ Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
More results


Similar Description - ISL2671286IPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com