Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-5043-5Z Datasheet (PDF) - Intersil Corporation

HI3-5043-5Z Datasheet PDF - Intersil Corporation
Part # HI3-5043-5Z
Download  HI3-5043-5Z Download

File Size   494.68 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Analog Switches

HI3-5043-5Z Datasheet (PDF)

Go To PDF Page Download Datasheet
HI3-5043-5Z Datasheet PDF - Intersil Corporation

Part # HI3-5043-5Z
Download  HI3-5043-5Z Click to download

File Size   494.68 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Analog Switches

HI3-5043-5Z Datasheet (HTML) - Intersil Corporation

Back Button HI3-5043-5Z Datasheet HTML 1Page - Intersil Corporation HI3-5043-5Z Datasheet HTML 2Page - Intersil Corporation HI3-5043-5Z Datasheet HTML 3Page - Intersil Corporation HI3-5043-5Z Datasheet HTML 4Page - Intersil Corporation HI3-5043-5Z Datasheet HTML 5Page - Intersil Corporation HI3-5043-5Z Datasheet HTML 6Page - Intersil Corporation HI3-5043-5Z Datasheet HTML 7Page - Intersil Corporation HI3-5043-5Z Datasheet HTML 8Page - Intersil Corporation HI3-5043-5Z Datasheet HTML 9Page - Intersil Corporation HI3-5043-5Z Datasheet HTML 10Page - Intersil Corporation Next Button 

HI3-5043-5Z Product details

This family of CMOS analog switches offers low resistance
switching performance for analog voltages up to the supply
rails and for signal currents up to 80mA. “ON” resistance is
low and stays reasonably constant over the full range of
operating signal voltage and current. rON remains
exceptionally constant for input voltages between +5V and
-5V and currents up to 50mA. Switch impedance also
changes very little over temperature, particularly between
0oC and 75oC. rON is nominally 25Ω for HI-5049 and
HI-5051 and 50Ω for HI-5042 through HI-5047.
All devices provide break-before-make switching and are
TTL and CMOS compatible for maximum application
versatility. Performance is further enhanced by Dielectric
Isolation processing which insures latch-free operation with
very low input and output leakage currents (0.8nA at 25oC).
This family of switches also features very low power
operation (1.5mW at 25oC).
There are 7 devices in this switch series which are
differentiated by type of switch action and value of rON (see
Functional Description Table). The HI-504X and HI-505X series
switches can directly replace IH-5040 series devices, and are
functionally compatible with the DG180 and DG190 family

Features
• Wide Analog Signal Range . . . . . . . . . . . . . . . . . . . ±15V
• Low “ON” Resistance . . . . . . . . . . . . . . . . . . . . . . . . . 25Ω
• High Current Capability . . . . . . . . . . . . . . . . . . . . . . 80mA
• Break-Before-Make Switching
- Turn-On Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . 370ns
- Turn-Off Time . . . . . . . . . . . . . . . . . . . . . . . . . . . 280ns
• No Latch-Up
• Input MOS Gates are Protected from Electrostatic
Discharge
• DTL, TTL, CMOS, PMOS Compatible
• Pb-Free Available (RoHS Compliant)

Applications
• High Frequency Switching
• Sample and Hold
• Digital Filters
• Operational Amplifier Gain Switching




Similar Part No. - HI3-5043-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-5043-5Z INTERSIL-HI3-5043-5Z Datasheet
490Kb / 12P
   CMOS Analog Switches
More results


Similar Description - HI3-5043-5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com